Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 371 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 371 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 367Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 368Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 369Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 370Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 371Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 372Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 373Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 374Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 375Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 500 page
background image
M68HC16 Z SERIES
MECHANICAL DATA AND ORDERING INFORMATION
USER’S MANUAL
B-15
MC68HC16Z3
(RTOS)
4 MHz
5 V
144-Pin
TQFP
–40 to +105
°C
16 MHz
2
SPMCM16Z3RVPV16
60
MCM16Z3RVPV16
300
MCM16Z3RVPV16B1
20 MHz
2
SPMCM16Z3RVPV20
60
MCM16Z3RVPV20
300
MCM16Z3RVPV20B1
25 MHz
2
SPMCM16Z3RVPV25
60
MCM16Z3RVPV25
300
MCM16Z3RVPV25B1
–40 to +125
°C
16 MHz
2
SPMCM16Z3RMPV16
60
MCM16Z3RMPV16
300
MCM16Z3RMPV16B1
20 MHz
2
SPMCM16Z3RMPV20
60
MCM16Z3RMPV20
300
MCM16Z3RMPV20B1
MC68HC16Z4
32 kHz
5 V
132-Pin
PQFP
–40 to +85
°C
16 MHz
2
SPMCK16Z4CFC16
36
MCK68HC16Z4CFC16
180
MCK16Z4CFC16B1
20 MHz
2
SPMCK16Z4CFC20
36
MCK68HC16Z4CFC20
180
MCK16Z4CFC20B1
25 MHz
2
SPMCK16Z4CFC25
36
MCK68HC16Z4CFC25
180
MCK16Z4CFC25B1
–40 to +105
°C
16 MHz
2
SPMCK16Z4VFC16
36
MCK68HC16Z4VFC16
180
MCK16Z4VFC16B1
20 MHz
2
SPMCK16Z4VFC20
36
MCK68HC16Z4VFC20
180
MCK16Z1VFC20B1
25 MHz
2
SPMCK16Z4VFC25
36
MCK68HC16Z4VFC25
180
MCK16Z4VFC25B1
–40 to +125
°C
16 MHz
2
SPMCK16Z4MFC16
36
MCK68HC16Z4MFC16
180
MCK16Z4MFC16B1
20 MHz
2
SPMCK16Z4MFC20
36
MCK68HC16Z4MFC20
180
MCK16Z4MFC20B1
Table B-1 M68HC16 Z-Series Ordering Information (Continued)
(Shaded cells indicate preliminary part numbers)
Device
Crystal
Input
Operating
Voltage
Package
Type
Temperature
Frequency
(MHz)
Package
Order
Quantity
Order Number
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com