Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 375 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 375 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 371Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 372Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 373Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 374Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 375Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 376Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 377Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 378Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 379Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-1
APPENDIX D
REGISTER SUMMARY
This appendix contains address maps, register diagrams, and bit/field definitions for
M68HC16 Z-series MCUs. More detailed information about register function is provid-
ed in the appropriate sections of the manual.
Except for central processing unit resources, information is presented in the intermod-
ule bus address order shown in Table D-1.
Control registers for all the modules in the microcontroller are mapped into a 4-Kbyte
block. The state of the module mapping (MM) bit in the SIM module configuration reg-
ister (SIMCR) determines where the control registers block is located in the system
memory map. When MM = 0, register addresses range from $7FF000 to $7FFFFF;
when MM = 1, register addresses range from $FFF000 to $FFFFFF.
With the CPU16, ADDR[23:20] follow the logic state of ADDR19 unless driven exter-
nally. MM corresponds to IMB ADDR23. If it is cleared, the SIM maps IMB modules
into address space $7FF000 – $7FFFFF, which is inaccessible to the CPU16. Mod-
ules remain inaccessible until reset occurs. The reset state of MM is one, but the bit is
can be written once. Initialization software should make certain it remains set.
D.1 Central Processing Unit
CPU16 registers are not part of the module address map. Figure D-1 is a functional
representation of CPU resources.
Table D-1 Module Address Map
Module
Size
(Bytes)
Base
Address
SIM
128
$YFFA00
SRAM
8
$YFFB00
MRM
(MC68HC16Z2/MC68HC16Z3 only)
32
$YFF820
ADC
64
$YFF700
QSM
512
$YFFC00
MCCI
(MC68HC16Z4, MC68CK16Z4 only)
64
$YFFC00
GPT
64
$YFF900
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com