Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 372 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 372 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 368Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 369Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 370Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 371Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 372Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 373Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 374Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 375Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 376Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 500 page
background image
MECHANICAL DATA AND ORDERING INFORMATION
M68HC16 Z SERIES
B-16
USER’S MANUAL
MC68HC16Z4
32 kHz
5 V
144-Pin
TQFP
–40 to +85
°C
16 MHz
2
SPMCK16Z4CPV16
60
MCK68HC16Z4CPV16
300
MCK16Z4CPV16B1
20 MHz
2
SPMCK16Z4CPV20
60
MCK68HC16Z4CPV20
300
MCK16Z4CPV20B1
25 MHz
2
SPMCK16Z4CPV25
60
MCK68HC16Z4CPV25
300
MCK16Z4CPV25B1
–40 to +105
°C
16 MHz
2
SPMCK16Z4VPV16
60
MCK68HC16Z4VPV16
300
MCK16Z4VPV16B1
20 MHz
2
SPMCK16Z4VPV20
60
MCK68HC16Z4VPV20
300
MCK16Z4VPV20B1
25 MHz
2
SPMCK16Z4VPV25
60
MCK68HC16Z4VPV25
300
MCK16Z4VPV25B1
–40 to +125
°C
16 MHz
2
SPMCK16Z4MPV16
60
MCK68HC16Z4MPV16
300
MCK16Z4MPV16B1
20 MHz
2
SPMCK16Z4MPV20
60
MCK68HC16Z4MPV20
300
MCK16Z4MPV20B1
2.7 V
132-Pin
PQFP
–40 to +85
°C
16 MHz
2
SPMCCK16Z4CFC16
36
MC68CK16Z4CFC16
180
MCCK16Z4CFC16B1
144-Pin
TQFP
–40 to +85
°C
16 MHz
2
SPMCCK16Z4CPV16
60
MC68CK16Z4CPV16
300
MCCK16Z4CPV16B1
Table B-1 M68HC16 Z-Series Ordering Information (Continued)
(Shaded cells indicate preliminary part numbers)
Device
Crystal
Input
Operating
Voltage
Package
Type
Temperature
Frequency
(MHz)
Package
Order
Quantity
Order Number
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com