Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 398 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 398 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 394Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 395Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 396Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 397Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 398Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 399Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 400Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 401Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 402Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-24
USER’S MANUAL
D.3.2 RAM Test Register
RAMTST — RAM Test Register
$YFFB02
Used for factory test only.
D.3.3 Array Base Address Register High
D.3.4 Array Base Address Register Low
RAMBAH and RAMBAL specify the SRAM array base address in the system memory
map. They can only be written while the SRAM is in low-power stop mode (STOP = 1,
the default out of reset) and the base address lock is disabled (RLCK = 0, the default
out of reset). This prevents accidental remapping of the array. Because the CPU16
drives ADDR[23:20] to the same logic level as ADDR19, the values of RAMBAH
ADDR[23:20] must match the value of ADDR19 for the array to be accessible. These
registers may be read at any time. RAMBAH[15:8] are unimplemented and will always
read zero.
RAMBAH — Array Base Address Register High (Z1, Z2, Z3, and Z4)
$YFFB04
15
8
7
6
5
4
3
2
1
0
NOT USED
ADDR
23
ADDR
22
ADDR
21
ADDR
20
ADDR
19
ADDR
18
ADDR
17
ADDR
16
RESET:
0
0
0
0
0
0
0
0
RAMBAL — Array Base Address Register Low (1K SRAM — Z1/Z4)
$YFFB06
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADDR
15
ADDR
14
ADDR
13
ADDR
12
ADDR
11
ADDR
10
ADDR
9
ADDR
8
ADDR
7
ADDR
6
ADDR
5
ADDR
4
ADDR
3
ADDR
2
ADDR
1
ADDR
0
RESET:
0
0
0
0
0
0
RAMBAL — Array Base Address Register Low (2K SRAM — Z2)
$YFFB06
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADDR
15
ADDR
14
ADDR
13
ADDR
12
ADDR
11
ADDR
10
ADDR
9
ADDR
8
ADDR
7
ADDR
6
ADDR
5
ADDR
4
ADDR
3
ADDR
2
ADDR
1
ADDR
0
RESET:
0
0
0
0
0
RAMBAL — Array Base Address Register Low (4K SRAM — Z3)
$YFFB06
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADDR
15
ADDR
14
ADDR
13
ADDR
12
ADDR
11
ADDR
10
ADDR
9
ADDR
8
ADDR
7
ADDR
6
ADDR
5
ADDR
4
ADDR
3
ADDR
2
ADDR
1
ADDR
0
RESET:
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com