Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 399 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 399 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 395Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 396Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 397Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 398Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 399Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 400Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 401Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 402Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 403Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-25
D.4 Masked ROM Module
The MRM is used only in the MC68HC16Z2 and the MC68HC16Z3. Table D-21 shows
the MRM address map.
The reset states shown for the MRM registers are for the generic (blank ROM) ver-
sions of the device. Several MRM register bit fields can be user-specified on a custom
masked ROM device. Contact a Freescale sales representative for information on or-
dering a custom ROM device.
D.4.1 Masked ROM Module Configuration Register
STOP — Low-Power Stop Mode Enable
The reset state of the STOP bit is the complement of DATA14 state during reset. The
ROM array base address cannot be changed unless the STOP bit is set.
0 = ROM array operates normally.
1 = ROM array operates in low-power stop mode. The ROM array cannot be read
in this mode.
This bit may be read or written at any time.
Table D-21 MRM Address Map
Address
15
0
$YFF820
Masked ROM Module Configuration Register (MRMCR)
$YFF822
Not Used
$YFF824
ROM Array Base Address Register High (ROMBAH)
$YFF826
ROM Array Base Address Register Low (ROMBAL)
$YFF828
Signature Register High (SIGHI)
$YFF82A
Signature Register Low (SIGLO)
$YFF82C
Not Used
$YFF82E
Not Used
$YFF830
ROM Bootstrap Word 0 (ROMBS0)
$YFF832
ROM Bootstrap Word 1 (ROMBS1)
$YFF834
ROM Bootstrap Word 2 (ROMBS2)
$YFF836
ROM Bootstrap Word 3 (ROMBS3)
$YFF838
Not Used
$YFF83A
Not Used
$YFF83C
Not Used
$YFF83E
Not Used
MRMCR — Masked ROM Module Configuration Register
$YFF820
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
STOP
0
0
BOOT
LOCK
EMUL
ASPC[1:0]
WAIT[1:0]
NOT USED
RESET:
DATA14
0
0
1
0
0
1
1
1
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com