Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 395 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 395 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 391Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 392Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 393Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 394Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 395Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 396Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 397Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 398Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 399Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-21
SPACE[1:0] — Address Space Select
Use this option field to select an address space for chip-select assertion or to configure
a chip-select as an interrupt acknowledge strobe for an external device. The CPU16
normally operates in supervisor mode only, but interrupt acknowledge cycles take
place in CPU space. Table D-17 shows address space bit encodings.
IPL[2:0] — Interrupt Priority Level
When SPACE[1:0] is set for CPU space (%00), chip-select logic can be used as an
interrupt acknowledge strobe for an external device. During an interrupt acknowledge
cycle, the interrupt priority level is driven on address lines ADDR[3:1] and is then com-
pared to the value in IPL[2:0]. If the values match, an interrupt acknowledge strobe will
be generated on the particular chip-select pin, provided other option register condi-
tions are met. Table D-18 shows IPL[2:0] field encoding.
AVEC — Autovector Enable
This field selects one of two methods of acquiring an interrupt vector during an inter-
rupt acknowledge cycle. This field is not applicable when SPACE[1:0] = %00.
0 = External interrupt vector enabled
1 = Autovector enabled
If the chip select is configured to trigger on an interrupt acknowledge cycle
(SPACE[1:0] = %00) and the AVEC field is set to one, the chip-select automatically
generates AVEC and completes the interrupt acknowledge cycle. Otherwise, the vec-
tor must be supplied by the requesting external device to complete the IACK read
cycle.
Table D-17 Address Space Bit Encodings
SPACE[1:0]
Address Space
00
CPU Space
01
User Space
10
Supervisor Space
11
Supervisor/User Space
Table D-18 Interrupt Priority Level Field Encoding
IPL[2:0]
Interrupt Priority Level
000
Any Level1
NOTES:
1. Any level means that chip-select is assert-
ed regardless of the level of the interrupt
acknowledge cycle.
001
1
010
2
011
3
100
4
101
5
110
6
111
7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com