Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 392 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 392 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 388Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 389Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 390Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 391Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 392Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 393Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 394Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 395Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 396Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-18
USER’S MANUAL
Each chip-select pin has an associated base address register. A base address is the
lowest address in the block of addresses enabled by a chip select. CSBARBT contains
the base address for selection of a boot memory device. Bit and field definitions for
CSBARBT and CSBAR[0:10] are the same, but reset block sizes differ. These regis-
ters may be read or written at any time.
ADDR[23:11] — Base Address
This field sets the starting address of a particular chip-select’s address space. The ad-
dress compare logic uses only the most significant bits to match an address within a
block. The value of the base address must be an integer multiple of the block size.
Base address register diagrams show how base register bits correspond to address
lines.
BLKSZ[2:0] — Block Size Field
This field determines the size of the block that is enabled by the chip-select.
Table D-12 shows bit encoding for the base address registers block size field.
D.2.20 Chip-Select Option Register Boot
D.2.21 Chip-Select Option Registers
Table D-12 Block Size Field Bit Encoding
BLKSZ[2:0]
Block Size
Address Lines Compared1
NOTES:
1. ADDR[23:20] are the same logic level as ADDR19 during
normal operation.
000
2 Kbytes
ADDR[23:11]
001
8 Kbytes
ADDR[23:13]
010
16 Kbytes
ADDR[23:14]
011
64 Kbytes
ADDR[23:16]
100
128 Kbytes
ADDR[23:17]
101
256 Kbytes
ADDR[23:18]
110
512 Kbytes
ADDR[23:19]
111
512 Kbytes
ADDR[23:20]
CSORBT — Chip-Select Option Register Boot
$YFFA4A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MODE
BYTE[1:0]
R/W[1:0]
STRB
DSACK[3:0]
SPACE[1:0]
IPL[2:0]
AVEC
RESET:
0
1
1
1
1
0
1
1
0
1
1
1
0
0
0
0
CSOR[0:10] — Chip-Select Option Registers
$YFFA4E–YFFA76
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MODE
BYTE[1:0]
R/W[1:0]
STRB
DSACK[3:0]
SPACE[1:0]
IPL[2:0]
AVEC
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com