Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 390 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 390 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 386Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 387Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 388Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 389Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 390Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 391Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 392Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 393Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 394Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-16
USER’S MANUAL
This register contains seven 2-bit fields that determine the function of corresponding
chip-select pins. Bits [15:14] are not used. These bits always read zero; writes have
no effect. CSPAR0 bit 1 always reads one; writes to CSPAR0 bit 1 have no effect. The
alternate functions can be enabled by data bus mode selection during reset. This reg-
ister may be read or written at any time. After reset, software may enable one or more
pins as discrete outputs.
Table D-9 shows CSPAR0 pin assignments.
CSPAR1 contains five 2-bit fields that determine the functions of corresponding chip-
select pins. Bits [15:10] are not used. These bits always read zero; writes have no ef-
fect. Table D-10 shows CSPAR1 pin assignments, including alternate functions that
can be enabled by data bus mode selection during reset.
Table D-8 Pin Assignment Field Encoding
CSxPA[1:0]
Description
00
Discrete output1
NOTES:
1. Does not apply to the CSBOOT field.
01
Alternate function1
10
Chip-select (8-bit port)
11
Chip-select (16-bit port)
Table D-9 CSPAR0 Pin Assignments
CSPAR0 Field
Chip-Select Signal
Alternate Signal
Discrete Output
CS5PA[1:0]
CS5
FC2
PC2
CS4PA[1:0]
CS4
FC1
PC1
CS3PA[1:0]
CS3
FC0
PC0
CS2PA[1:0]
CS2
BGACK
—
CS1PA[1:0]
CS1
BG
—
CS0PA[1:0]
CS0
BR
—
CSBTPA[1:0]
CSBOOT
—
—
CSPAR1 — Chip-Select Pin Assignment Register 1
$YFFA46
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
CS10PA[1:0]
CS9PA[1:0]
CS8PA[1:0]
CS7PA[1:0]
CS6PA[1:0]
RESET:
0
0
0
0
0
0
DATA71
NOTES:
1. Refer to Table D-11 for CSPAR1 reset state information.
1
DATA
[7:6]1
1
DATA
[7:5]1
1
DATA
[7:4]1
1
DATA
[7:3]1
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com