Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 387 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 387 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 383Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 384Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 385Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 386Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 387Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 388Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 389Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 390Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 391Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-13
The following equation calculates the time-out period for an externally input clock fre-
quency on both slow and fast reference frequency devices, when fsys is equal to the
system clock frequency.
HME — Halt Monitor Enable
0 = Halt monitor is disabled.
1 = Halt monitor is enabled.
BME — Bus Monitor External Enable
0 = Disable bus monitor for external bus cycles.
1 = Enable bus monitor for external bus cycles.
BMT[1:0] — Bus Monitor Timing
This field selects the bus monitor time-out period. Refer to Table D-7.
D.2.13 Periodic Interrupt Control Register
PICR sets the interrupt level and vector number for the periodic interrupt timer (PIT).
Bits [10:0] can be read or written at any time. Bits [15:11] are unimplemented and al-
ways read zero.
PIRQL[2:0] — Periodic Interrupt Request Level
This field determines the priority of periodic interrupt requests. A value of %000 dis-
ables PIT interrupts.
Table D-7 Bus Monitor Time-Out Period
BMT[1:0]
Bus Monitor Time-Out Period
00
64 system clocks
01
32 system clocks
10
16 system clocks
11
8 system clocks
PICR — Periodic Interrupt Control Register
$YFFA22
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
PIRQL[2:0]
PIV[7:0]
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
Time-out Period
128
() Divide Ratio Specified by SWP and SWT[1:0]
()
f
ref
--------------------------------------------------------------------------------------------------------------------------------------------
=
Time-out Period
Divide Ratio Specified by SWP and SWT[1:0]
f
sys
------------------------------------------------------------------------------------------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com