Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 389 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 389 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 385Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 386Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 387Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 388Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 389Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 390Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 391Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 392Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 393Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-15
D.2.15 Software Watchdog Service Register
This register can be read or written at any time. Bits [15:8] are unimplemented and will
always read zero.
To reset the software watchdog:
1. Write $55 to SWSR.
2. Write $AA to SWSR.
Both writes must occur in the order specified before the software watchdog times out,
but any number of instructions can occur between the two writes.
D.2.16 Port C Data Register
This register latches data for chip-select pins configured as discrete outputs. This reg-
ister can be read or written at any time. Bits [15:8] are unimplemented and will always
read zero.
D.2.17 Chip-Select Pin Assignment Registers
Chip-select pin assignment registers configure the chip-select pins for discrete I/O, an
alternate function, or as an 8-bit or 16-bit chip-select. The possible encodings for each
2-bit field in CSPAR[0:1] (except for CSBTPA[1:0]) are shown in Table D-8.
SWSR — Software Watchdog Service Register1
$YFFA26
NOTES:
1. This register is shown with a read value.
15
8
7
6
5
4
3
2
1
0
NOT USED
SWSR[7:0]
RESET:
0
0
0
0
0
0
0
0
PORTC — Port C Data Register
$YFFA40
15
8
7
6
5
4
3
2
1
0
NOT USED
0
PC6
PC5
PC4
PC3
PC2
PC1
PC0
RESET:
0
1
1
1
1
1
1
1
CSPAR0 — Chip-Select Pin Assignment Register 0
$YFFA44
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
CS5PA[1:0]
CS4PA[1:0]
CS3PA[1:0]
CS2PA[1:0]
CS1PA[1:0]
CS0PA[1:0]
CSBTPA[1:0]
RESET:
0
0
DATA2
1
DATA2
1
DATA2
1
DATA1
1
DATA1
1
DATA1
1
1
DATA0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com