Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 391 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 391 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 387Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 388Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 389Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 390Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 391Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 392Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 393Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 394Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 395Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-17
The reset state of DATA[7:3] determines whether pins controlled by CSPAR1 are ini-
tially configured as high-order address lines or chip-selects. Table D-11 shows the
correspondence between DATA[7:3] and the reset configuration of CS[10:6]/
ADDR[23:19]. This register may be read or written at any time. After reset, software
may enable one or more pins as discrete outputs.
D.2.18 Chip-Select Base Address Register Boot
D.2.19 Chip-Select Base Address Registers
Table D-10 CSPAR1 Pin Assignments
CSPAR1 Field
Chip-Select Signal
Alternate Signal
Discrete Output
CS10PA[1:0]
CS10
ADDR231
NOTES:
1. On the CPU16, ADDR[23:20] follow the logic state of ADDR19 unless externally
driven.
ECLK
CS9PA[1:0]
CS9
ADDR221
PC6
CS8PA[1:0]
CS8
ADDR211
PC5
CS7PA[1:0]
CS7
ADDR201
PC4
CS6PA[1:0]
CS6
ADDR19
PC3
Table D-11 Reset Pin Function of CS[10:6]
Data Bus Pins at Reset
Chip-Select/Address Bus Pin Function
DATA7
DATA6
DATA5
DATA4
DATA3
CS10/
ADDR23
CS9/
ADDR22
CS8/
ADDR21
CS7/
ADDR20
CS6/
ADDR19
11111
CS10
CS9
CS8
CS7
CS6
1111
0
CS10
CS9
CS8
CS7
ADDR19
111
0X
CS10
CS9
CS8
ADDR20 ADDR19
11
0X
X
CS10
CS9
ADDR21 ADDR20 ADDR19
1
0X
X
X
CS10
ADDR22 ADDR21 ADDR20 ADDR19
0X
X
X
X
ADDR23 ADDR22 ADDR21 ADDR20 ADDR19
CSBARBT — Chip-Select Base Address Register Boot
$YFFA48
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADDR
23
ADDR
22
ADDR
21
ADDR
20
ADDR
19
ADDR
18
ADDR
17
ADDR
16
ADDR
15
ADDR
14
ADDR
13
ADDR
12
ADDR
11
BLKSZ[2:0]
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
CSBAR[0:10] — Chip-Select Base Address Registers
$YFFA4C–$YFFA74
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADDR
23
ADDR
22
ADDR
21
ADDR
20
ADDR
19
ADDR
18
ADDR
17
ADDR
16
ADDR
15
ADDR
14
ADDR
13
ADDR
12
ADDR
11
BLKSZ[2:0]
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com