Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 386 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 386 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 382Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 383Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 384Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 385Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 386Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 387Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 388Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 389Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 390Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-12
USER’S MANUAL
D.2.12 System Protection Control Register
This register controls system monitor functions, software watchdog clock prescaling,
and bus monitor timing. This register can be written once following power-on or reset.
Bits [15:8] are unimplemented and will always read zero.
SWE — Software Watchdog Enable
0 = Software watchdog is disabled.
1 = Software watchdog is enabled.
SWP — Software Watchdog Prescaler
This bit controls the value of the software watchdog prescaler.
0 = Software watchdog clock is not prescaled.
1 = Software watchdog clock is prescaled by 512.
The reset value of SWP is the complement of the state of the MODCLK pin during
reset.
SWT[1:0] — Software Watchdog Timing
This field selects the divide ratio used to establish the software watchdog time-out pe-
riod. Refer to Table D-6.
The following equation calculates the time-out period for a slow reference frequency,
where fref is equal to the EXTAL crystal frequency.
The following equation calculates the time-out period for a fast reference frequency,
where fref is equal to the EXTAL crystal frequency.
SYPCR — System Protection Control Register
$YFFA20
15
8
7
6
5
4
3
2
1
0
NOT USED
SWE
SWP
SWT[1:0]
HME
BME
BMT[1:0]
RESET:
1
MODCLK
0
0
0
0
0
0
Table D-6 Software Watchdog Divide Ratio
SWP
SWT[1:0]
Divide Ratio
000
29
001
211
010
213
011
215
100
218
101
220
110
222
111
224
Time-out Period
Divide Ratio Specified by SWP and SWT[1:0]
f
ref
------------------------------------------------------------------------------------------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com