Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 382 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 382 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 378Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 379Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 380Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 381Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 382Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 383Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 384Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 385Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 386Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-8
USER’S MANUAL
W — Frequency Control (VCO)
This bit controls a prescaler tap in the synthesizer feedback loop. Setting this bit in-
creases the VCO speed by a factor of four. VCO relock delay is required.
X — Frequency Control (Prescaler)
This bit controls a divide by two prescaler that is not in the synthesizer feedback loop.
Setting the bit doubles clock speed without changing the VCO speed. No VCO relock
delay is required.
Y[5:0] — Frequency Control (Counter)
The Y field controls the modulus down counter in the synthesizer feedback loop, caus-
ing it to divide by a value of Y + 1. VCO relock delay is required.
EDIV — E Clock Divide Rate
0 = ECLK frequency is system clock divided by eight.
1 = ECLK frequency is system clock divided by sixteen.
SLOCK — Synthesizer Lock Flag
0 = VCO is enabled, but has not locked.
1 = VCO has locked on the desired frequency or VCO is disabled.
The MCU remains in reset until the synthesizer locks, but SLOCK does not indicate
synthesizer lock status until after the user first writes to SYNCR.
STSIM — Stop Mode SIM Clock
0 = When LPSTOP is executed, the SIM clock is driven from the external crystal
oscillator and the VCO is turned off to conserve power.
1 = When LPSTOP is executed, the SIM clock is driven from the internal VCO.
STEXT — Stop Mode External Clock
0 = When LPSTOP is executed, the CLKOUT signal is held negated to conserve
power.
1 = When LPSTOP is executed and EXOFF 1 in SIMCR, the CLKOUT signal is
driven from the SIM clock, as determined by the state of the STSIM bit.
D.2.4 Reset Status Register
RSR contains a status bit for each reset source in the MCU. RSR is updated when the
MCU comes out of reset. A set bit indicates what type of reset occurred. If multiple
sources assert reset signals at the same time, more than one bit in RSR may be set.
This register can be read at any time; a write has no effect. Bits [15:8] are unimple-
mented and always read zero.
EXT — External Reset
Reset caused by the RESET pin.
RSR — Reset Status Register
$YFFA06
15
8
7
6
5
4
3
2
1
0
NOT USED
EXT
POW
SW
HLT
0
RSVD
SYS
TST
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com