Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 381 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 381 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 377Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 378Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 379Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 380Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 381Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 382Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 383Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 384Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 385Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-7
MM — Module Mapping
0 = Internal modules are addressed from $7FF000 – $7FFFFF.
1 = Internal modules are addressed from $FFF000 – $FFFFFF.
The logic state of the MM determines the value of ADDR23 for IMB module addresses.
Because ADDR[23:20] are driven to the same state as ADDR19, MM must be set to
one. If MM is cleared, IMB modules are inaccessible to the CPU16. This bit can be
written only once after reset.
IARB[3:0] — Interrupt Arbitration ID
Each module that can generate interrupts, including the SIM, has an IARB field. Each
IARB field can be assigned a value from $0 to $F. During an interrupt acknowledge
cycle, IARB permits arbitration among simultaneous interrupts of the same priority
level. The reset value of the SIM IARB field is $F, the highest priority. This prevents
SIM interrupts from being discarded during system initialization.
D.2.2 System Integration Test Register
SIMTR — System Integration Test Register
$YFFA02
Used for factory test only.
D.2.3 Clock Synthesizer Control Register
This register determines system clock operating frequency and operation during low-
power stop mode. With a slow reference frequency between 25 and 50 kHz (typically
a 32.768-kHz crystal), the clock frequency is determined by the following equation:
With a fast reference frequency between 1 and 6 MHz (typically a 4.194-MHz crystal),
the reference frequency is divided by 128 before it is passed to the PLL system. The
clock frequency is determined by the following equation:
SYNCR — Clock Synthesizer Control Register
$YFFA04
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
W
X
Y[5:0]
EDIV
0
0
RSVD1
NOTES:
1. Ensure that the software does not change the value of these bits. They should always be zero.
SLOCK
RSVD1
STSIM
STEXT
RESET:
0
0
1
1
1
1
1
1
0
0
0
0
U
0
0
0
f
sys
f
ref 4Y
1
+
() 2
2W
X
+
()
()
[]
=
f
sys
f
ref
128
----------
4Y
1
+
() 2
2W
X
+
()
()
[]
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com