Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 380 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 380 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 376Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 377Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 378Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 379Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 380Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 381Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 382Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 383Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 384Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-6
USER’S MANUAL
D.2.1 SIM Module Configuration Register
SIMCR controls system configuration. SIMCR can be read or written at any time, ex-
cept for the module mapping (MM) bit, which can only be written once after reset, and
the reserved bit, which is read-only. Write has no effect.
EXOFF — External Clock Off
0 = The CLKOUT pin is driven during normal operation.
1 = The CLKOUT pin is placed in a high-impedance state.
FRZSW — Freeze Software Enable
0 = When FREEZE is asserted, the software watchdog and periodic interrupt timer
continue to operate, allowing interrupts during background debug mode.
1 = When FREEZE is asserted, the software watchdog and periodic interrupt timer
are disabled, preventing interrupts during background debug mode.
FRZBM — Freeze Bus Monitor Enable
0 = When FREEZE is asserted, the bus monitor continues to operate.
1 = When FREEZE is asserted, the bus monitor is disabled.
SHEN[1:0] — Show Cycle Enable
The SHEN field determines how the external bus is driven during internal transfer op-
erations. A show cycle allows internal transfers to be monitored externally.
Table D-3 indicates whether show cycle data is driven externally, and whether exter-
nal bus arbitration can occur. To prevent bus conflict, external devices must not be se-
lected during show cycles.
SUPV — Supervisor/User Data Space
This bit has no effect because the CPU16 always operates in the supervisor mode.
SIMCR — SIM Module Configuration Register
$YFFA00
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EXOFF
FRZSW FRZBM
0
RSVD1
NOTES:
1. This bit must be left at zero. Pulling DATA11 high during reset ensures this bit remains zero. A one in this bit could
allow the MCU to enter an unsupported operating mode.
0
SHEN[1:0]
SUPV
MM
0
0
IARB[3:0]
RESET:
0
1
1
0
DATA11
0
0
0
1
1
0
0
1
1
1
1
Table D-3 Show Cycle Enable Bits
SHEN[1:0]
Action
00
Show cycles disabled, external arbitration enabled
01
Show cycles enabled, external arbitration disabled
10
Show cycles enabled, external arbitration enabled
11
Show cycles enabled, external arbitration enabled;
internal activity is halted by a bus grant
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com