Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 383 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 383 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 379Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 380Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 381Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 382Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 383Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 384Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 385Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 386Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 387Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-9
POW — Power-Up Reset
Reset caused by the power-up reset circuit.
SW — Software Watchdog Reset
Reset caused by the software watchdog circuit.
HLT — Halt Monitor Reset
Reset caused by the halt monitor.
SYS — System Reset
The CPU16 does not support this function. This bit will never be set.
TST — Test Submodule Reset
Reset caused by the test submodule. Used during factory test reserved operating
mode only.
D.2.5 System Integration Test Register E
SIMTRE — System Integration Test Register E
$YFFA08
Used for factory test only.
D.2.6 Port E Data Register
This register can be accessed in two locations and can be read or written at any time.
A write to this register is stored in an internal data latch, and if any pin in the corre-
sponding port is configured as an output, the value stored for that bit is driven out on
the pin. A read of this data register returns the value at the pin only if the pin is config-
ured as a discrete input. Otherwise, the value read is the value stored in the register.
Bits [15:8] are unimplemented and will always read zero.
D.2.7 Port E Data Direction Register
Bits in this register control the direction of the port E pin drivers when pins are config-
ured for I/O. Setting a bit configures the corresponding pin as an output; clearing a bit
configures the corresponding pin as an input. This register can be read or written at
any time. Bits [15:8] are unimplemented and will always read zero.
PORTE0 — Port E0 Data Register
$YFFA10
PORTE1 — Port E1 Data Register
$YFFA12
15
8
7
6
5
4
3
2
1
0
NOT USED
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
RESET:
U
U
U
U
U
U
U
U
DDRE — Port E Data Direction Register
$YFFA14
15
8
7
6
5
4
3
2
1
0
NOT USED
DDE7
DDE6
DDE5
DDE4
DDE3
DDE2
DDE1
DDE0
RESET:
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com