Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 441 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 441 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 437Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 438Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 439Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 440Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 441Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 442Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 443Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 444Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 445Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-67
D.8 General-Purpose Timer
D.8.1 GPT Module Configuration Register
The GPTMCR contains parameters for configuring the GPT.
Table D-42 GPT Address Map
Address1
NOTES:
1. Y = M111, where M is the logic state of the MM bit in the SIMCR.
15
8 7
0
$YFF900
GPT Module Configuration Register (GPTMCR)
$YFF902
GPT Module Test Register (GPTMTR)
$YFF904
GPT Interrupt Configuration Register (ICR)
$YFFE06
Port GP Data Direction Register
(DDRGP)
Port GP Data Register (PORTGP)
$YFF908
Output Compare 1 Action Mask
Register (OC1M)
Output Compare 1 Action Data Register
(OC1D)
$YFF90A
Timer Counter Register (TCNT)
$YFF90C
Pulse Accumulator Control Register
(PACTL)
Pulse Accumulator Counter Register
(PACNT)
$YFF90E
Timer Input Capture Register 1 (TIC1)
$YFF910
Timer Input Capture Register 2 (TIC2)
$YFF912
Timer Input Capture Register 3 (TIC3)
$YFF914
Timer Output Compare Register 1 (TOC1)
$YFF916
Timer Output Compare Register 2 (TOC2)
$YFF918
Timer Output Compare Register 3 (TOC3)
$YFF91A
Timer Output Compare Register 4 (TOC4)
$YFF91C
Timer Input Capture 4/Output Compare Register 5 (TI4/O5)
$YFF91E
Timer Control Register 1 (TCTL1)
Timer Control Register 2 (TCTL2)
$YFF920
Timer Mask Register 1 (TMSK1)
Timer Mask Register 2 (TMSK2)
$YFF922
Timer Flag Register 1 (TFLG1)
Timer Flag Register 2 (TFLG2)
$YFF924
Compare Force Register (CFORC)
PWM Control Register C (PWMC)
$YFF926
PWM Control Register A (PWMA)
PWM Control Register B (PWMB)
$YFF928
PWM Count Register (PWMCNT)
$YFF92A
PWM Buffer Register A (PWMBUFA)
PWM Buffer Register B (PWMBUFB)
$YFF92C
GPT Prescaler Register (PRESCL)
$YFF92E –
$YFF93F
Reserved
GPTMCR — GPT Module Configuration Register
$YFF900
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
STOP
FRZ1
FRZ0
STOPP
INCP
0
0
0
SUPV
0
0
0
IARB
RESET:
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com