Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 445 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 445 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 441Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 442Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 443Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 444Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 445Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 446Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 447Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 448Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 449Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-71
PCLKS — PCLK Pin State (Read Only)
I4/O5 — Input Capture 4/Output Compare 5
0 = Output compare 5 enabled
1 = Input capture 4 enabled
PACLK[1:0] — Pulse Accumulator Clock Select (Gated Mode)
Table D-45 shows the PACLK[1:0] bit field effects.
PACNT — Pulse Accumulator Counter
Eight-bit read/write counter used for external event counting or gated time accumula-
tion.
D.8.8 Input Capture Registers 1–3
TIC[1:3] — Input Capture Registers 1–3
$YFF90E – $YFF912
The input capture registers are 16-bit read-only registers used to latch the value of
TCNT when a specified transition is detected on the corresponding input capture pin.
They are reset to $FFFF.
D.8.9 Output Compare Registers 1–4
TOC[1:4] — Output Compare Registers 1–4
$YFF914 – $YFF91A
The output compare registers are 16-bit read/write registers which can be used as out-
put waveform controls or as elapsed time indicators. For output compare functions,
they are written to a desired match value and compared against TCNT to control spec-
ified pin actions. They are reset to $FFFF.
Table D-44 PAMOD and PEDGE Effects
PAMOD
PEDGE
Effect
0
0
PAI falling edge increments counter
0
1
PAI rising edge increments counter
1
0
Zero on PAI inhibits counting
1
1
One on PAI inhibits counting
Table D-45 PACLK[1:0] Effects
PACLK[1:0]
Pulse Accumulator Clock Selected
00
System clock divided by 512
01
Same clock used to increment TCNT
10
TOF flag from TCNT
11
External clock, PCLK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com