Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 446 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 446 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 442Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 443Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 444Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 445Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 446Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 447Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 448Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 449Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 450Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-72
USER’S MANUAL
D.8.10 Input Capture 4/Output Compare 5 Register
TI4/O5 — Input Capture 4/Output Compare 5 Register
$YFF91C
This register serves either as input capture register 4 or output compare register 5, de-
pending on the state of I4/O5 in PACTL. It is reset to $FFFF.
D.8.11 Timer Control Registers 1 and 2
TCTL1 determines output compare mode and output logic level. TCTL2 determines
the type of input capture to be performed.
OM/OL[5:2] — Output Compare Mode Bits and Output Compare Level Bits
Each pair of bits specifies an action to be taken when output comparison is successful.
Refer to Table D-46.
EDGE[4:1] — Input Capture Edge Control
Each pair of bits configures input sensing logic for the corresponding input capture.
Refer to Table D-47.
D.8.12 Timer Interrupt Mask Registers 1 and 2
TCTL1/TCTL2 — Timer Control Registers 1–2
$YFF91E
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
OM5
OL5
OM4
OL4
OM3
OL3
OM2
OL2
EDG4B EDG4A EDG3B EDG3A EDG2B EDG2A EDG1B EDG1A
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table D-46 OM/OL[5:2] Effects
OM/OL[5:2]
Action Taken
00
Timer disconnected from output logic
01
Toggle OCx output line
10
Clear OCx output line to zero
11
Set OCx output line to one
Table D-47 EDGE[4:1] Effects
EDGE[4:1]
Configuration
00
Capture disabled
01
Capture on rising edge only
10
Capture on falling edge only
11
Capture on any (rising or falling) edge
TMSK1/TMSK2 — Timer Interrupt Mask Registers 1–2
$YFF920
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
I4/O5I
OCI[4:1]
ICI[3:1]
TOI
0
PAOVI
PAII
CPROUT
CPR[2:0]
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com