Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 442 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 442 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 438Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 439Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 440Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 441Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 442Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 443Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 444Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 445Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 446Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-68
USER’S MANUAL
STOP — Stop Clocks
0 = GPT clock operates normally.
1 = GPT clock is stopped.
FRZ1 — Not Implemented
FRZ0 — FREEZE Assertion Response
0 = Ignore IMB FREEZE signal.
1 = FREEZE the current state of the GPT.
STOPP — Stop Prescaler
0 = Normal operation.
1 = Stop prescaler and pulse accumulator from incrementing. Ignore changes to
input pins.
INCP — Increment Prescaler
0 = Has no effect.
1 = If STOPP is asserted, increment prescaler once and clock input synchronizers
once.
SUPV — Supervisor/Unrestricted Data Space
This bit has no effect because the CPU16 always operates in supervisor mode.
IARB[3:0] — Interrupt Arbitration ID
The IARB field is used to arbitrate between simultaneous interrupt requests of the
same priority. Each module that can generate interrupt requests must be assigned a
unique, non-zero IARB field value.
D.8.2 GPT Test Register
GPTMTR — GPT Module Test Register
$YFF902
Used for factory test only.
D.8.3 GPT Interrupt Configuration Register
ICR fields determine internal and external interrupt priority, and provide the upper nib-
ble of the interrupt vector number supplied to the CPU when an interrupt is acknowl-
edged.
IPA[3:0] — Interrupt Priority Adjust
This field specifies which GPT interrupt source is given highest internal priority. Refer
to Table D-43.
ICR — GPT Interrupt Configuration Register
$YFF904
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IPA[3:0]
0
IPL[2:0]
IVBA[3:0]
0
0
0
0
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com