Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 491 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 491 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 487Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 488Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 489Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 490Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 491Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 492Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 493Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 494Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 495Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 491 / 500 page
background image
M68HC16 Z SERIES
USER’S MANUAL
I-9
Multichannel
communication interface module (MCCI).
See MCCI
10-1
conversion (MULT) D-32
Multimaster operation 9-9
Multiple
-channel conversion D-35
exceptions 4-40
Multiplexer 8-4, 11-9
channels 8-4
outputs 11-10
Multiply and accumulate (MAC) 4-45
MV 4-4, D-3
–N–
N 4-4
Negated (definition) 2-6
Negative
flag (N) 4-4
integers 4-6
stress 8-18
New queue pointer value (NEWQP) D-50
NEWQP 9-8, 9-21, D-50
NF 9-28, 10-21, D-44, D-63
Nine-stage divider chain 11-9
Noise 8-14
error (NF) flag 9-28, 10-21, D-44, D-63
Non-maskable interrupt 5-58
NRZ 9-2, 10-2, 10-13
–O–
OC1D 11-14, D-70
OC1M 11-14, D-70
OC5 11-14
OCF D-74
OCI D-73
OCxF 11-13
OCxl 11-13
OM/OL D-72
OP (1 through 3) 5-34
Opcode tracking 4-40
breakpoints 4-42
combining with other capabilities 4-41
deterministic 4-40
Operand
alignment 5-35
byte order 5-34
misaligned 5-35
transfer cases 5-35
Operators 2-1
OR D-43, D-63
Ordering information B-8
ORG00000.ASM E-6
ORG00008.ASM E-6
Output
capture pins 11-7
compare
1 (single comparison operation) 11-14
flags (OCF) D-74
functions 11-13, 11-14
interrupt enable (OCI) bit D-73
mode bits/output compare level bits (OM/OL)
D-72
status flag (OCxF) bit 11-13
Overflow flag (V) 4-4, D-3
Overrun error (OR) D-43, D-63
Overview information 3-1
–P–
PACLK D-71
PACNT 11-14, 11-16, D-70, D-71
PACTL 11-8, 11-14, 11-16, D-70
PAEN D-70
PAI 11-1, 11-15
PAI pin state (PAIS) D-70
PAIF 11-15, D-74
PAII D-73
PAIS D-70
PAMOD D-70
PAOVF 11-15, D-74
PAOVI D-73
Parallel I/O ports 5-70
Parasitic devices 8-18
Parentheses (definition) 2-6
Parity
checking 9-26, 10-19
enable (PE) D-42, D-61
error (PF) flag 9-28, 10-21, D-44, D-63
type (PT) 9-26, 10-19, D-42, D-61
PC 4-3
PCLK 11-1, 11-8
pin state (PCLKS) D-71
PCLKS D-71
PCS D-53
to SCK delay (DSCK) D-53
PCS0/SS 9-20
PE D-42, D-61
PEDGE 11-16, D-70
PEPAR 5-70, D-10
Periodic
interrupt
modulus counter 5-28
priority 5-29
request level (PIRQL) D-13
timer 5-27
components 5-27
modulus (PITM field) 5-28, D-14
PIT period calculation 5-28, D-14
vector (PIV) D-13
timer prescaler control (PTP) 5-28, D-14
Peripheral chip-selects (PCS) 9-21, D-53
PF 9-28, 10-21
PFPAR 5-70, D-11
Phase-locked loop (PLL) 1-1
PICR 5-60, D-13
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com