Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 495 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 495 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 491Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 492Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 493Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 494Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 495Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 496Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 497Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 498Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 499Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 500 page
background image
M68HC16 Z SERIES
USER’S MANUAL
I-13
Signed fractions 4-6
SIM 5-1
address map D-4
block diagram 5-2
bus operation 5-36
chip-selects 5-61
external bus interface (EBI) 5-29
features 3-1
functional blocks 5-1
halt monitor 5-25
interrupt arbitration 5-3
interrupts 5-58
parallel I/O ports 5-70
periodic interrupt timer 5-27
reference manual 5-67
register access 5-3
registers
chip-select
base address
register boot (CSBARBT) D-17
registers (CSBAR) 5-64, 5-65, D-17
option
register boot (CSORBT) D-18
registers (CSOR) 5-64, 5-66, D-18
pin assignment registers (CSPAR) 5-64,
D-15
clock synthesizer control register (SYNCR) D-7
master shift registers A/B (TSTMSRA/TSTM-
SRB) D-22
module configuration register (SIMCR) 5-2, D-6
periodic interrupt
control register (PICR) D-13
timer register (PITR) 5-28, D-14
port C data register (PORTC) 5-67, D-15
port E
data direction register (DDRE) 5-70, D-9
data register (PORTE) 5-71, D-9
pin assignment register (PEPAR) 5-70,
D-10
port F
data direction register (DDRF) 5-70, D-11
data register (PORTF) 5-71
data registers (PORTF) D-10
pin assignment register (PFPAR) 5-70,
D-11
reset status register (RSR) D-8
software service register (SWSR) D-15
system
protection control register (SYPCR) D-12
test register
(SIMTR) D-7
E (SIMTRE) D-9
test module
control register (CREG) D-22
distributed register (DREG) D-22
repetition count register (TSTRC) D-22
shift count register (TSTSC) D-22
reset 5-48
state of pins 5-54
software watchdog 5-25
block diagram (with PIT) 5-25
spurious interrupt monitor 5-25
system
clock
block diagram 5-4
protection 5-24
system clock 5-4
synthesizer operation 5-6
SIMCR 5-2, 8-3, D-6
SIMTR D-7
SIMTRE D-9
Single
-channel conversions D-34
-step mode 11-4
SIZ 5-54
SIZE (MCCI) 10-11
Size signals (SIZ) 5-32, 5-35, 5-47
SK 4-3, 4-5
Slave select signal (SS).
See SS 9-20
SLOCK D-8
Slow reference circuit 5-5
SM 4-4, D-3
Software watchdog 5-25
block diagram 5-27
clock rate 5-26
enable (SWE) 5-25, D-12
prescale (SWP) 5-26, D-12
ratio of SWP and SWT bits 5-26
reset (SW) D-8
timeout period calculation 5-26, D-12
timing field (SWT) 5-26, D-12
Source voltage level (VSRC) 8-22
SP 4-3
SPACE (address space select) 5-67, D-21
SPBR D-48
SPCR 10-6, D-64
SPCR0 D-46
SPCR1 D-48
SPCR2 D-49
SPCR3 D-50
SPDR 10-6, D-66
SPE 9-6, D-48
SPI 10-1
block diagram 10-5
clock phase/polarity controls 10-8
finished flag (SPIF) D-65
interrupt level (ILSPI) D-57
mode fault 10-12
operating modes
master mode 10-7
slave mode 10-8
pins 10-6
registers
control register (SPCR) 10-6, D-64
data register (SPDR) 10-6, D-66
status register (SPSR) 10-6, D-65
serial clock baud rate 10-11
timing A-50
— master, CPHA = 0/CPHA = 1 A-51
— slave, CPHA = 0/CPHA = 1 A-52
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com