Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 497 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 497 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 492Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 493Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 494Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 495Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 496Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 497Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 498Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 499Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 500Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 497 / 500 page
background image
M68HC16 Z SERIES
USER’S MANUAL
I-15
data
(TXD) pin — QSM 9-25
(TXDA/B) pins — MCCI 10-17
register empty (TDRE) flag
MCCI 10-19, D-62
QSM 9-27, D-43
enable (TE)
MCCI 10-4, 10-13, 10-19, D-62
QSM 9-27, D-42
interrupt enable (TIE)
MCCI 10-20, D-61
QSM 9-28, D-42
RAM 9-7
TSC 5-54, 5-56
TST D-8
TSTMSRA/B D-22
TSTRC D-22
TSTSC D-22
Two/three wire transfers 10-4
Two’s complement 4-6
TXD (QSM) 9-25
TXDA/B (MCCI) 10-16, 10-17
Typical ratings
2.7V to 3.6V, 16.78 MHz A-2
20.97 MHz A-3
25.17 MHz A-4
5V, 16.78 MHz A-3
–U–
UART 10-2, 10-13
Universal asynchronous receiver/transmitter (UART)
10-2, 10-13
–V–
V 4-4, D-3
VCF 8-22
VCO 5-6
VDD 5-55, 6-1
ramp time 5-56
VDDA 8-1, 8-3, 8-14
VDDSYN 5-6, 5-55
Vector sources D-56
VI 8-22
VIH 8-2
VIL 8-2
Voltage
controlled oscillator (VCO) 5-6
frequency (fVCO) 5-6
frequency ramp time 5-56
limiting diodes 8-19
VPP C-2
VRH 5-53, 8-1, 8-3, 8-14, 8-23
VRL 5-53, 8-1, 8-3, 8-14, 8-23
VSRC 8-22
VSSA 8-1, 8-3, 8-14
VSTBY 6-2
–W–
W D-8
WAIT 7-3, D-26
Wait states field (WAIT) D-26
WAKE 9-30, 10-22, D-42, D-61
Wakeup
address mark (WAKE) 9-30, 10-22, D-42, D-61
functions 9-2
WCOL D-65
Wired-OR
mode
for QSPI pins (WOMQ) D-47
for SCI pins (WOMS)
MCCI 10-19, D-61
QSM 9-27, D-41
open-drain outputs 10-11
WOMC 10-16
WOMP 10-11
WOMQ D-47
WOMS 9-27, 10-19, D-41, D-61
Word composition 4-7
Wrap
enable (WREN) D-50
to (WRTO) D-50
Wraparound mode 9-6
master 9-19
slave 9-21
WREN D-50
Write
collision (WCOL) 10-12, D-65
cycle 5-38
flowchart 5-39
timing diagram A-30
WRTO D-50
–X–
X D-8
bit in SYNCR 5-6
XK 4-3, 4-5
XTAL 5-5
XTRST (external reset) 5-48
–Y–
Y D-8
YK 4-3, 4-5
–Z–
Z 4-4
Zero flag (Z) 4-4
ZK 4-3, 4-5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com