Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 492 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 492 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 488Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 489Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 490Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 491Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 492Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 493Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 494Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 495Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 496Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 500 page
background image
M68HC16 Z SERIES
I-10
USER’S MANUAL
Pin
characteristics 3-11
considerations 8-14
electrical state 5-53
function 5-53
reset states 5-54
Pipeline multiplexing 4-41
PIRQL D-13
PITM 5-28, D-14
PITR 5-28, D-14
PIV D-13
PK 4-4, 4-5, D-3
PLL 1-1, 5-6
Pointer 9-6
Polled operation 11-4
Port
C data register (PORTC) 5-67
E
data direction register (DDRE) 5-70
data register (PORTE) 5-71
pin assignment register (PEPAR) 5-70
F
data direction register (DDRF) 5-70
data register (PORTF) 5-71
pin assignment register (PFPAR) 5-70
parallel I/O in SIM 5-70
replacement unit (PRU) C-2
size 5-65
PORTADA 8-1, D-30
PORTC D-15
PORTE 5-71, D-9
PORTF 5-71
PORTF0/1 D-10
PORTGP 11-8, D-69
PORTMC 10-2, D-59
PORTMCP 10-2, D-59
PORTQS 9-4, D-44
Positive stress 8-18
Post-modified index addressing mode 4-10
POW D-8
Power
connections 3-13
-up reset (POW) D-8
PPR D-75
PPROUT D-75
PQSPAR 9-4, 9-16, 9-20, D-45
Prescaler 11-1, 11-8
block diagram 11-9
rate selection field (PRS) D-31
PRESCL D-77
Program
counter address extension field (PK) 4-4, D-3
flow changes 4-36
Programming examples E-12
CPU16 E-23
GPT E-25
QSM/SCI E-24
SIM E-13
PROUT 11-10
PRS D-31
PRU C-2
PSHM 4-9
PT 9-26, 10-19, D-42, D-61
PTP D-14
PULM 4-9
Pulse
accumulator 11-1
block diagram 11-15
clock
select (PACLK) D-71
select mux 11-10
counter (PACNT) D-71
edge control (PEDGE) D-70
enable (PAEN) D-70
flag (PAIF) 11-15, D-74
input
(PAI) pin 11-7, 11-8, 11-15
interrupt enable (PAII) bit D-73
mode (PAMOD) D-70
overflow
flag (PAOVF) 11-15, D-74
interrupt enable (PAOVI) bit D-73
-width modulation 11-1
pins (PWMA/PWMB) 11-8
unit (PWM) 11-16
block diagram 11-17
buffer register (PWMBUFA/B) 11-19
counter 11-18
duty cycle ratios 11-17
frequency ranges 11-18, D-76
function 11-18
PWM 11-16
clock output enable (PPROUT) D-75
prescaler/PCLK select (PPR) field D-75
slow/fast select
(SFA) bit D-75
(SFB) bit D-75
PWMA/B 11-8, D-76
PWMBUFA/B 11-19, D-76
PWMC 11-8, D-74
PWMCNT 11-18, D-76
–Q–
QILR 9-2, D-39
QIVR 9-2, D-39
QSM
address map 9-2, D-38
block diagram 9-1
features 3-2
general 9-1
interrupts 9-3
pin function 9-4, D-46
QSPI 9-5
operating modes 9-9
operation 9-8
pins 9-8
RAM 9-7
registers 9-6
reference manual 9-1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com