Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 103Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 104Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 105Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 106Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 107Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 108Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 109Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 110Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 500 page
background image
M68HC16 Z SERIES
SYSTEM INTEGRATION MODULE
USER’S MANUAL
5-1
SECTION 5
SYSTEM INTEGRATION MODULE
This section is an overview of the system integration module (SIM). Refer to the
SIM
Reference Manual (SIMRM/AD) for a comprehensive discussion of SIM capabilities.
Refer to D.2 System Integration Module for information concerning the SIM address
map and register structure.
5.1 General
The SIM consists of six functional blocks. Figure 5-1 shows a block diagram of the
SIM.
The system configuration block controls MCU configuration parameters.
The system clock generates clock signals used by the SIM, other IMB modules, and
external devices.
The system protection block provides bus and software watchdog monitors. In addi-
tion, it also provides a periodic interrupt timer to support execution of time-critical con-
trol routines.
The external bus interface handles the transfer of information between IMB modules
and external address space.
The chip-select block provides 12 chip-select signals. Each chip-select signal has an
associated base address register and option register that contain the programmable
characteristics of that chip-select.
The system test block incorporates hardware necessary for testing the MCU. It is used
to perform factory tests, and its use in normal applications is not supported.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com