Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 105Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 106Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 107Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 108Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 109Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 110Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 111Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 112Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 500 page
background image
M68HC16 Z SERIES
SYSTEM INTEGRATION MODULE
USER’S MANUAL
5-3
5.2.2 Interrupt Arbitration
Each module that can request interrupts has an interrupt arbitration (IARB) field. Arbi-
tration between interrupt requests of the same priority is performed by serial conten-
tion between IARB field bit values. Contention will take place whenever an interrupt
request is acknowledged, even when there is only a single request pending. For an
interrupt to be serviced, the appropriate IARB field must have a non-zero value. If an
interrupt request from a module with an IARB field value of %0000 is recognized, the
CPU16 processes a spurious interrupt exception.
Because the SIM routes external interrupt requests to the CPU16, the SIM IARB field
value is used for arbitration between internal and external interrupts of the same pri-
ority. The reset value of IARB for the SIM is %1111, and the reset IARB value for all
other modules is %0000, which prevents SIM interrupts from being discarded during
initialization. Refer to 5.8 Interrupts for a discussion of interrupt arbitration.
5.2.3 Show Internal Cycles
A show cycle allows internal bus transfers to be monitored externally. The SHEN field
in SIMCR determines what the external bus interface does during internal transfer op-
erations. Table 5-1 shows whether data is driven externally, and whether external bus
arbitration can occur. Refer to 5.6.6.1 Show Cycles for more information.
5.2.4 Register Access
M68HC16 Z-series MCUs always operate at the supervisor level. The state of the
SUPV bit has no meaning.
5.2.5 Freeze Operation
The FREEZE signal halts MCU operations during debugging. FREEZE is asserted in-
ternally by the CPU16 if a breakpoint occurs while background mode is enabled. When
FREEZE is asserted, only the bus monitor, software watchdog, and periodic interrupt
timer are affected. The halt monitor and spurious interrupt monitor continue to operate
normally. Setting the freeze bus monitor (FRZBM) bit in SIMCR disables the bus mon-
itor when FREEZE is asserted. Setting the freeze software watchdog (FRZSW) bit dis-
ables the software watchdog and the periodic interrupt timer when FREEZE is
asserted.
Table 5-1 Show Cycle Enable Bits
SHEN[1:0]
Action
00
Show cycles disabled, external arbitration enabled
01
Show cycles enabled, external arbitration disabled
10
Show cycles enabled, external arbitration enabled
11
Show cycles enabled, external arbitration enabled;
internal activity is halted by a bus grant
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com