Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 108Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 109Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 110Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 111Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 112Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 113Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 114Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 115Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 500 page
background image
SYSTEM INTEGRATION MODULE
M68HC16 Z SERIES
5-6
USER’S MANUAL
If a fast or slow reference frequency is provided to the PLL from a source other than a
crystal, or an external system clock signal is applied through the EXTAL pin, the XTAL
pin must be left floating.
5.3.2 Clock Synthesizer Operation
VDDSYN is used to power the clock circuits when the system clock is synthesized from
either a crystal or an externally supplied reference frequency. A separate power
source increases MCU noise immunity and can be used to run the clock when the
MCU is powered down. A quiet power supply must be used as the VDDSYN source. Ad-
equate external bypass capacitors should be placed as close as possible to the
VDDSYN pin to assure a stable operating frequency. When an external system clock
signal is applied and the PLL is disabled, VDDSYN should be connected to the VDD
supply.
A voltage controlled oscillator (VCO) in the PLL generates the system clock signal. To
maintain a 50% clock duty cycle, the VCO frequency (fVCO) is either two or four times
the system clock frequency, depending on the state of the X bit in SYNCR. The clock
signal is fed back to a divider/counter. The divider controls the frequency of one input
to a phase comparator. The other phase comparator input is a reference signal, either
from the crystal oscillator or from an external source. The comparator generates a con-
trol signal proportional to the difference in phase between the two inputs. This signal
is low-pass filtered and used to correct the VCO output frequency.
Filter circuit implementation can vary, depending upon the external environment and
required clock stability. Figure 5-5 shows two recommended system clock filter net-
works. XFC pin leakage must be kept as low as possible to maintain optimum stability
and PLL performance.
NOTE
The standard filter used in normal operating environments is a single
0.1
µf capacitor, connected from the XFC pin to the V
DDSYN supply
pin. An alternate filter can be used in high-stability operating environ-
ments to reduce PLL jitter under noisy system conditions. Current
systems that are operating correctly may not require this filter. If the
PLL is not enabled (MODCLK = 0 at reset), the XFC filter is not re-
quired. Versions of the SIM that are configured for either slow or fast
reference use the same filter component values.
An external filter network connected to the XFC pin is not required when an external
system clock signal is applied and the PLL is disabled (MODCLK=0at reset). The
XFC pin must be left floating in this case.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com