Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 110Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 111Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 112Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 113Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 114Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 115Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 116Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 117Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 118Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 500 page
background image
SYSTEM INTEGRATION MODULE
M68HC16 Z SERIES
5-8
USER’S MANUAL
When a fast reference is used, three W bits are located in the PLL feedback path, en-
abling frequency multiplication by a factor from one to eight. Three Y bits and the X bit
are located in the VCO clock output path to provide the ability to slow the system clock
without disturbing the PLL.
When using a fast reference, the clock frequency is determined by SYNCR bit settings
as follows:
The reset state of SYNCR ($3F00) results in a power-on fsys of 8.388 MHz when fref
is 4.194 MHz.
For the device to perform correctly, both the clock frequency and VCO frequency (se-
lected by the W, X, and Y bits) must be within the limits specified for the MCU. In order
for the VCO frequency to be within specifications (less than or equal to the maximum
system clock frequency multiplied by two), the X bit must be set for system clock fre-
quencies greater than one-half the maximum specified system clock.
Internal VCO frequency is determined by the following equations:
or
On both slow and fast reference devices, when an external system clock signal is ap-
plied (MODCLK = 0 during reset), the PLL is disabled. The duty cycle of this signal is
critical, especially at operating frequencies close to maximum. The relationship be-
tween clock signal duty cycle and clock signal period is expressed as follows:
Tables 5-2, 5-3, and 5-4 show clock control multipliers for all possible combinations of
SYNCR bits. To obtain clock frequency, find the counter modulus in the leftmost col-
umn, then multiply the reference frequency by the value in the appropriate prescaler
cell. Shaded areas indicate which values exceed the specifications for a device rated
at a particular operating frequency. Refer to APPENDIX A ELECTRICAL CHARAC-
TERISTICS for maximum allowable clock rate.
Tables 5-5, 5-6, and 5-7 show actual clock frequencies for the same combinations of
SYNCR bits. To obtain clock frequency, find the counter modulus in the leftmost col-
umn, then refer to appropriate prescaler cell. Shaded areas indicate which values ex-
ceed the specifications for a device rated at a particular operating frequency. Refer to
APPENDIX A ELECTRICAL CHARACTERISTICS for maximum system frequency
(f
).
f
sys
f
ref
128
----------
4Y
1
+
() 2
2W
X
+
()
()
[]
=
f
VCO
4f
sys if X = 0
=
f
VCO
2f
sys if X = 1
=
Minimum External Clock Period
Minimum External Clock High/Low Time
50%
Percentage Variation of External Clock Input Duty Cycle
–
------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com