Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 107Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 108Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 109Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 110Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 111Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 112Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 113Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 114Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 500 page
background image
M68HC16 Z SERIES
SYSTEM INTEGRATION MODULE
USER’S MANUAL
5-5
5.3.1 Clock Sources
The state of the clock mode (MODCLK) pin during reset determines the system clock
source. When MODCLK is held high during reset, the clock synthesizer generates a
clock signal from an external reference frequency. The clock synthesizer control reg-
ister (SYNCR) determines operating frequency and mode of operation. When MOD-
CLK is held low during reset, the clock synthesizer is disabled and an external system
clock signal must be driven onto the EXTAL pin.
The input clock, referred to as fref, can be either a crystal or an external clock source.
The output of the clock system is referred to as fsys. Ensure that fref and fsys are within
normal operating limits.
To generate a reference frequency using the crystal oscillator, a reference crystal
must be connected between the EXTAL and XTAL pins. Typically, a 32.768-kHz crys-
tal is used for a slow reference, but the frequency may vary between 25 kHz to 50 kHz.
Figure 5-3 shows a typical circuit.
Figure 5-3 Slow Reference Crystal Circuit
A 4.194-MHz crystal is typically used for a fast reference, but the frequency may vary
between one MHz up to six MHz. Figure 5-4 shows a typical circuit.
Figure 5-4 Fast Reference Crystal Circuit
32 OSCILLATOR
EXTAL
XTAL
10M
330K
22 pF*
22 pF*
VSSI
RESISTANCE AND CAPACITANCE BASED ON A TEST CIRCUIT CONSTRUCTED WITH A DAISHINKU DMX-38 32.768-kHz CRYSTAL.
SPECIFIC COMPONENTS MUST BE BASED ON CRYSTAL TYPE. CONTACT CRYSTAL VENDOR FOR EXACT CIRCUIT.
*
R1
C1
C2
R2
16 OSCILLATOR 4M
EXTAL
XTAL
1M
Ω
1.5K
Ω
27 PF*
27 PF*
VSSI
RESISTANCE AND CAPACITANCE BASED ON A TEST CIRCUIT CONSTRUCTED WITH A KDS041-18 4.194 MHz CRYSTAL.
SPECIFIC COMPONENTS MUST BE BASED ON CRYSTAL TYPE. CONTACT CRYSTAL VENDOR FOR EXACT CIRCUIT.
*
R1
C1
C2
R2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com