Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 109Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 110Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 111Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 112Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 113Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 114Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 115Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 116Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 500 page
background image
M68HC16 Z SERIES
SYSTEM INTEGRATION MODULE
USER’S MANUAL
5-7
Figure 5-5 System Clock Filter Networks
The synthesizer locks when the VCO frequency is equal to fref. Lock time is affected
by the filter time constant and by the amount of difference between the two comparator
inputs. Whenever a comparator input changes, the synthesizer must relock. Lock sta-
tus is shown by the SLOCK bit in SYNCR. During power-up, the MCU does not come
out of reset until the synthesizer locks. Crystal type, characteristic frequency, and lay-
out of external oscillator circuitry affect lock time.
When the clock synthesizer is used, SYNCR determines the system clock frequency
and certain operating parameters. The W and Y[5:0] bits are located in the PLL feed-
back path, enabling frequency multiplication by a factor of up to 256. When the W or
Y values change, VCO frequency changes, and there is a VCO relock delay. The SYN-
CR X bit controls a divide-by circuit that is not in the synthesizer feedback loop. When
X = 0 (reset state), a divide-by-four circuit is enabled, and the system clock frequency
is one-fourth the VCO frequency (fVCO). When X = 1, a divide-by-two circuit is enabled
and system clock frequency is one-half the VCO frequency (fVCO). There is no relock
delay when clock speed is changed by the X bit.
When a slow reference is used, one W bit and six Y bits are located in the PLL feed-
back path, enabling frequency multiplication by a factor of up to 256. The X bit is lo-
cated in the VCO clock output path to enable dividing the system clock frequency by
two without disturbing the PLL.
When using a slow reference, the clock frequency is determined by SYNCR bit set-
tings as follows:
The reset state of SYNCR ($3F00) results in a power-on fsys of 8.388 MHz when fref
is 32.768 kHz.
NORMAL/HIGH-STABILITY XFC CONN
1. MAINTAIN LOW LEAKAGE ON THE XFC NODE. REFER TO APPENDIX A ELECTRICAL CHARACTERISTICS FOR MORE INFORMATION.
VDDSYN
0.01
µF
0.1
µF
XFC1
VSS
0.1
µF
C4
C3
C1
VDDSYN
0.01
µF
0.1
µF
XFC1, 2
VSS
0.1
µF
C4
C3
C1
18 k
Ω
R1
0.01
µF
C2
NORMAL OPERATING ENVIRONMENT
HIGH-STABILITY OPERATING ENVIRONMENT
2. RECOMMENDED LOOP FILTER FOR REDUCED SENSITIVITY TO LOW FREQUENCY NOISE.
f
sys
4f
ref Y1
+
() 2
2W
X
+
()
()
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com