Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 209 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 209 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 205Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 206Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 207Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 208Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 209Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 210Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 211Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 212Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 213Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 500 page
background image
M68HC16 Z SERIES
ANALOG-TO-DIGITAL CONVERTER
USER’S MANUAL
8-23
The external circuit described in Table 8-10 is a low-pass filter. A user interested in
measuring an AC component of the external signal must take the characteristics of this
filter into account.
8.8.6.2 Error Resulting from Leakage
A series resistor limits the current to a pin, therefore input leakage acting through a
large source impedance can degrade A/D accuracy. The maximum input leakage cur-
rent is specified in APPENDIX A ELECTRICAL CHARACTERISTICS. Input leakage
is greatest at high operating temperatures and as a general rule decreases by one half
for each 10
°C decrease in temperature.
Assuming VRH –VRL = 5.12 V, 1 count (assuming 10-bit resolution) corresponds to 5
mV of input voltage. A typical input leakage of 50 nA acting through 100 k
Ω of external
series resistance results in an error of less than 1 count (5.0 mV). If the source imped-
ance is 1 M
Ω and a typical leakage of 50 nA is present, an error of 10 counts (50 mV)
is introduced.
In addition to internal junction leakage, external leakage (e.g., if external clamping di-
odes are used) and charge sharing effects with internal capacitors also contribute to
the total leakage current. Table 8-11 illustrates the effect of different levels of total
leakage on accuracy for different values of source impedance. The error is listed in
terms of 10-bit counts.
CAUTION
Leakage from the part of 10 nA is obtainable only within a limited tem-
perature range.
Table 8-10 External Circuit Settling Time (10-Bit Conversions)
Filter Capacitor
(CF)
Source Resistance (RF)
100
Ω
1 k
Ω
10 k
Ω
100 k
Ω
1
µF
760
µs
7.6 ms
76 ms
760 ms
.1
µF76 µs
760
µs
7.6 ms
76 ms
.01
µF
7.6
µs76 µs
760
µs
7.6 ms
.001
µF
760 ns
7.6
µs76 µs
760
µs
100 pF
76 ns
760 ns
7.6
µs76 µs
Table 8-11 Error Resulting From Input Leakage (IOFF)
Source
Impedance
Leakage Value (10-Bit Conversions)
10 nA
50 nA
100 nA
1000 nA
1 k
Ω
—
—
—
0.2 counts
10 k
Ω
—
0.1 counts
0.2 counts
2 counts
100 k
Ω
0.2 counts
1 count
2 counts
20 counts
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com