Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 205 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 205 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 201Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 202Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 203Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 204Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 205Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 206Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 207Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 208Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 209Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 500 page
background image
M68HC16 Z SERIES
ANALOG-TO-DIGITAL CONVERTER
USER’S MANUAL
8-19
The current out of the pin (IOUT) under negative stress is determined by the following
equation:
where:
VSTRESS = Adjustable voltage source
VBE = Parasitic bipolar base/emitter voltage (refer to VNEGCLAMP in
APPENDIX A ELECTRICAL CHARACTERISTICS)
RSTRESS = Source impedance (10K resistor in Figure 8-7 on stressed
channel)
The current into (IIN) the neighboring pin is determined by the 1/KN (Gain) of the para-
sitic bipolar transistor (1/KN‹‹1).
One way to minimize the impact of stress conditions on the ADC is to apply voltage
limiting circuits such as diodes to supply and ground. However, leakage from such cir-
cuits and the potential influence on the sampled voltage to be converted must be con-
sidered. Refer to Figure 8-8.
Figure 8-8 Voltage Limiting Diodes in a Negative Stress Circuit
Another method for minimizing the impact of stress conditions on the ADC is to stra-
tegically allocate ADC inputs so that the lower accuracy inputs are adjacent to the in-
puts most likely to see stress conditions.
Finally, suitable source impedances should be selected to meet design goals and min-
imize the effect of stress conditions.
8.8.5 Analog Input Considerations
The source impedance of the analog signal to be measured and any intermediate fil-
tering should be considered whether external multiplexing is used or not. Figure 8-9
shows the connection of eight typical analog signal sources to one ADC analog input
pin through a separate multiplexer chip. Also, an example of an analog signal source
connected directly to a ADC analog input channel is displayed.
I
OUT
V
STRESS
V
BE
–
R
STRESS
-------------------------------------------
=
ADC NEG STRESS CONN
VDD
R
kR
TO DEVICE
EXTERNAL VOLTAGE
VSS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com