Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 203 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 203 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 199Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 200Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 201Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 202Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 203Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 204Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 205Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 206Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 207Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 500 page
background image
M68HC16 Z SERIES
ANALOG-TO-DIGITAL CONVERTER
USER’S MANUAL
8-17
Grounding is the most important factor influencing analog circuit performance in mixed
signal systems (or in stand-alone analog systems). Close attention must be paid to
avoid introducing additional sources of noise into the analog circuitry. Common sourc-
es of noise include ground loops, inductive coupling, and combining digital and analog
grounds together inappropriately.
The problem of how and when to combine digital and analog grounds arises from the
large transients which the digital ground must handle. If the digital ground is not able
to handle the large transients, the current from the large transients can return to
ground through the analog ground. It is the excess current overflowing into the analog
ground which causes performance degradation by developing a differential voltage
between the true analog ground and the microcontroller’s ground pin. The end result
is that the ground observed by the analog circuit is no longer true ground and often
ends in skewed results.
Two similar approaches designed to improve or eliminate the problems associated
with grounding excess transient currents involve star-point ground systems. One ap-
proach is to star-point the different grounds at the power supply origin, thus keeping
the ground isolated. Refer to Figure 8-6.
Figure 8-6 Star-Ground at the Point of Power Supply Origin
Another approach is to star-point the different grounds near the analog ground pin on
the microcontroller by using small traces for connecting the non-analog grounds to the
analog ground. The small traces are meant only to accommodate DC differences, not
AC transients.
ADC
VDD
VSS
ANALOG POWER SUPPLY
+5V
+5V
AGND
DIGITAL POWER SUPPLY
+5V
PGND
PCB
ADC POWER SCHEM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com