Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 201 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 201 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 197Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 198Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 199Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 200Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 201Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 202Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 203Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 204Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 205Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 500 page
background image
M68HC16 Z SERIES
ANALOG-TO-DIGITAL CONVERTER
USER’S MANUAL
8-15
Figure 8-4 Analog Input Circuitry
Since the sample amplifier is powered by VDDA and VSSA, it can accurately transfer
input signal levels up to but not exceeding VDDA and down to but not below VSSA.If
the input signal is outside of this range, the output from the sample amplifier is clipped.
In addition, VRH and VRL must be within the range defined by VDDA and VSSA. As long
as VRH is less than or equal to VDDA, and VRL is greater than or equal to VSSA, and
the sample amplifier has accurately transferred the input signal, resolution is ratiomet-
ric within the limits defined by VRL and VRH.IfVRH is greater than VDDA, the sample
amplifier can never transfer a full-scale value. If VRL is less than VSSA, the sample am-
plifier can never transfer a zero value.
Figure 8-5 shows the results of reference voltages outside the range defined by VDDA
and VSSA. At the top of the input signal range, VDDA is 10 mV lower than VRH. This
results in a maximum obtainable 10-bit conversion value of 3FE. At the bottom of the
signal range, VSSA is 15 mV higher than VRL, resulting in a minimum obtainable 10-bit
conversion value of three.
SAMPLE
AMP
8 CHANNELS TOTAL1
RC DAC
ARRAY
COMPARATOR
REF 1
VSSA
VRL
REF 2
VDDA
VRH
ADC 8CH SAMPLE AMP
1. TWO SAMPLE AMPS EXIST ON THE ADC WITH EIGHT CHANNELS ON EACH SAMPLE AMP.
NOTES:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com