Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 202 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 202 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 198Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 199Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 200Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 201Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 202Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 203Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 204Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 205Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 206Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 500 page
background image
ANALOG-TO-DIGITAL CONVERTER
M68HC16 Z SERIES
8-16
USER’S MANUAL
Figure 8-5 Errors Resulting from Clipping
8.8.3 Analog Supply Filtering and Grounding
Two important factors influencing performance in analog integrated circuits are supply
filtering and grounding. Generally, digital circuits use bypass capacitors on every VDD/
VSS pin pair. This applies to analog subsystems or submodules also. Equally important
as bypassing is the distribution of power and ground.
Analog supplies should be isolated from digital supplies as much as possible. This ne-
cessity stems from the higher performance requirements often associated with analog
circuits. Therefore, deriving an analog supply from a local digital supply is not recom-
mended. However, if for economic reasons digital and analog power are derived from
a common regulator, filtering of the analog power is recommended in addition to the
bypassing of the supplies already mentioned. For example, an RC low-pass filter could
be used to isolate the digital and analog supplies when generated by a common reg-
ulator. If multiple high precision analog circuits are locally employed (such as two A/D
converters), the analog supplies should be isolated from each other, as sharing sup-
plies introduces the potential for interference between analog circuits.
ADC CLIPPING
0
.020
5.100
5.110
INPUT IN VOLTS (VRH = 5.120 V, VRL = 0 V)
1
2
3
4
5
6
7
8
3FA
3FB
3FC
3FD
3FE
3FF
.010
.030
5.120
5.130
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com