Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 204 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 204 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 200Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 201Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 202Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 203Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 204Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 205Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 206Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 207Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 208Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 500 page
background image
ANALOG-TO-DIGITAL CONVERTER
M68HC16 Z SERIES
8-18
USER’S MANUAL
NOTE
This star-point scheme still requires adequate grounding for digital
and analog subsystems in addition to the star-point ground.
Other suggestions for PCB layout in which the ADC is employed include the following:
• The analog ground must be low impedance to all analog ground points in the cir-
cuit.
• Bypass capacitors should be as close to the power pins as possible.
• The analog ground should be isolated from the digital ground. This can be done
by cutting a separate ground plane for the analog ground.
• Non-minimum traces should be utilized for connecting bypass capacitors and
filters to their corresponding ground/power points.
• Minimum distance for trace runs when possible.
8.8.4 Accommodating Positive/Negative Stress Conditions
Positive or negative stress refers to conditions which exceed nominally defined oper-
ating limits. Examples include applying a voltage exceeding the normal limit on an
input (for example, voltages outside of the suggested supply/reference ranges) or
causing currents into or out of the pin which exceed normal limits. ADC specific con-
siderations are voltages greater than VDDA,VRH or less than VSSA applied to an analog
input which cause excessive currents into or out of the input. Refer to APPENDIX A
ELECTRICAL CHARACTERISTICS on exact magnitudes.
Both stress conditions can potentially disrupt conversion results on neighboring inputs.
Parasitic devices, associated with CMOS processes, can cause an immediate disrup-
tive influence on neighboring pins. Common examples of parasitic devices are diodes
to substrate and bipolar devices with the base terminal tied to substrate (VSSI/VSSA
ground). Under stress conditions, current introduced on an adjacent pin can cause er-
rors on adjacent channels by developing a voltage drop across the adjacent external
channel source impedances.
Figure 8-7 shows an active parasitic bipolar when an input pin is subjected to negative
stress conditions. Positive stress conditions do not activate a similar parasitic device.
Figure 8-7 Input Pin Subjected to Negative Stress
ADC PAR STRESS CONN
RSTRESS
RADJACENT
ADJACENT
NEGATIVE
10K
VDD
PIN UNDER
PARASITIC
IOUT
IIN
+
STRESS
STRESS
VOLTAGE
DEVICE
PINS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com