Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 212 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 212 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 208Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 209Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 210Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 211Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 212Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 213Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 214Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 215Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 216Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 500 page
background image
QUEUED SERIAL MODULE
M68HC16 Z SERIES
9-2
USER’S MANUAL
The SCI provides a standard non-return to zero (NRZ) mark/space format. It operates
in either full- or half-duplex mode. There are separate transmitter and receiver enable
bits and dual data buffers. A modulus-type baud rate generator provides rates from
110 baud to 781 kbaud with a 25.17 MHz system clock. Word length of either eight or
nine bits is software selectable. Optional parity generation and detection provide either
even or odd parity check capability. Advanced error detection circuitry catches glitches
of up to 1/16 of a bit time in duration. Wake-up functions allow the CPU16 to run unin-
terrupted until meaningful data is available.
9.2 QSM Registers and Address Map
There are four types of QSM registers: QSM global registers, QSM pin control regis-
ters, QSPI registers, and SCI registers. Refer to 9.2.1 QSM Global Registers and
9.2.2 QSM Pin Control Registers for a discussion of global and pin control registers.
Refer to 9.3.1 QSPI Registers and 9.4.1 SCI Registers for further information about
QSPI and SCI registers. Writes to unimplemented register bits have no effect, and
reads of unimplemented bits always return zero.
Refer to D.6 Queued Serial Module for a QSM address map and register bit and field
definitions. Refer to 5.2.1 Module Mapping for more information about how the state
of MM affects the system.
9.2.1 QSM Global Registers
The QSM configuration register (QSMCR) controls the interface between the QSM
and the intermodule bus. The QSM test register (QTEST) is used during factory test
of the QSM. The QSM interrupt level register (QILR) determines the priority of inter-
rupts requested by the QSM and the vector used when an interrupt is acknowledged.
The QSM interrupt vector register (QIVR) contains the interrupt vector for both QSM
submodules. QILR and QIVR are 8-bit registers located at the same word address.
9.2.1.1 Low-Power Stop Mode Operation
When the STOP bit in QSMCR is set, the system clock input to the QSM is disabled
and the module enters low-power stop mode. QSMCR is the only register guaranteed
to be readable while STOP is asserted. The QSPI RAM is not readable in low-power
stop mode. However, writes to RAM or any register are guaranteed valid while STOP
is asserted. STOP can be set by the CPU16 and by reset.
The QSPI and SCI must be brought to an orderly stop before asserting STOP to avoid
data corruption. To accomplish this, disable QSM interrupts or set the interrupt priority
level mask in the CPU16 condition code register to a value higher than the IRQ level
requested by the QSM. The SCI receiver and transmitter should be disabled after
transfers in progress are complete. The QSPI can be halted by setting the HALT bit in
SPCR3 and then setting STOP after the HALTA flag is set. Refer to 5.3.4 Low-Power
Operation for more information about low-power stop mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com