Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 215 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 215 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 211Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 212Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 213Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 214Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 215Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 216Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 217Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 218Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 219Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 500 page
background image
M68HC16 Z SERIES
QUEUED SERIAL MODULE
USER’S MANUAL
9-5
9.3 Queued Serial Peripheral Interface
The queued serial peripheral interface (QSPI) is used to communicate with external
devices through a synchronous serial bus. The QSPI is fully compatible with SPI sys-
tems found on other Freescale products, but has enhanced capabilities. The QSPI can
perform full duplex three-wire or half duplex two-wire transfers. A variety of transfer
rates, clocking, and interrupt-driven communication options is available.
Figure 9-2 displays a block diagram of the QSPI.
Figure 9-2 QSPI Block Diagram
QSPI BLOCK
CONTROL
REGISTERS
END QUEUE
POINTER
QUEUE
POINTER
STATUS
REGISTER
DELAY
COUNTER
COMPARATOR
PROGRAMMABLE
LOGIC ARRAY
80-BYTE
QSPI RAM
CHIP SELECT
COMMAND
DONE
4
4
2
BAUD RATE
GENERATOR
PCS[2:1]
PCS0/SS
MISO
MOSI
SCK
M
S
M
S
8/16-BIT SHIFT REGISTER
Rx/Tx DATA REGISTER
MSB
LSB
4
4
QUEUE CONTROL
BLOCK
CONTROL
LOGIC
A
D
D
R
E
S
S
R
E
G
I
S
T
E
R
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com