Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 217 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 217 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 213Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 214Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 215Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 216Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 217Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 218Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 219Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 220Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 221Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 500 page
background image
M68HC16 Z SERIES
QUEUED SERIAL MODULE
USER’S MANUAL
9-7
9.3.1.2 Status Register
SPSR contains information concerning the current serial transmission. Only the QSPI
can set the bits in this register. The CPU16 reads SPSR to obtain QSPI status infor-
mation and writes SPSR to clear status flags.
9.3.2 QSPI RAM
The QSPI contains an 80-byte block of dual-ported static RAM that can be accessed
by both the QSPI and the CPU16. The RAM is divided into three segments: receive
data RAM, transmit data RAM, and command data RAM. Receive data is information
received from a serial device external to the MCU. Transmit data is information stored
for transmission to an external device. Command control data defines transfer param-
eters. Refer to Figure 9-3, which shows RAM organization.
Figure 9-3 QSPI RAM
9.3.2.1 Receive RAM
Data received by the QSPI is stored in this segment to be read by the CPU16. Data
stored in the receive RAM is right-justified. Unused bits in a receive queue entry are
set to zero by the QSPI upon completion of the individual queue entry. The CPU16 can
access the data using byte, word, or long-word transfers.
The CPTQP value in SPSR shows which queue entries have been executed. The
CPU16 can use this information to determine which locations in receive RAM contain
valid data before reading them.
9.3.2.2 Transmit RAM
Data that is to be transmitted by the QSPI is stored in this segment and must be written
by the CPU16 in right-justified form. The QSPI cannot modify information in the trans-
mit RAM. The QSPI copies the information to its data serializer for transmission. Infor-
mation remains in the transmit RAM until overwritten.
QSPI RAM MAP
RECEIVE
RAM
TRANSMIT
RAM
500
51E
520
53E
WORD
540
54F
COMMAND
RAM
BYTE
WORD
RR0
RR1
RR2
RRD
RRE
RRF
TR0
TR1
TR2
TRD
TRE
TRF
CR0
CR1
CR2
CRD
CRE
CRF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com