Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 216 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 216 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 212Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 213Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 214Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 215Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 216Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 217Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 218Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 219Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 220Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 500 page
background image
QUEUED SERIAL MODULE
M68HC16 Z SERIES
9-6
USER’S MANUAL
The serial transfer length is programmable from eight to sixteen bits, inclusive. An in-
ter-transfer delay of 17 to 8192 system clocks can be specified (default is 17 system
clocks).
A dedicated 80-byte RAM is used to store received data, data to be transmitted, and
a queue of commands. The CPU16 can access these locations directly.
The command queue allows the QSPI to perform up to 16 serial transfers without
CPU16 intervention. Each queue entry contains all the information needed by the
QSPI to independently complete one serial transfer.
A pointer identifies the queue location containing the data and command for the next
serial transfer. Normally, the pointer address is incremented after each serial transfer,
but the CPU16 can change the pointer value at any time. Support for multiple-tasks
can be provided by segmenting the queue.
The QSPI has four peripheral chip-select pins. The chip-select signals simplify inter-
facing by reducing CPU16 intervention. If the chip-select signals are externally decod-
ed, 16 independent select signals can be generated.
Wrap-around mode allows continuous execution of queued commands. In wrap-
around mode, newly received data replaces previously received data in the receive
RAM. Wrap-around mode can simplify the interface with A/D converters by continu-
ously updating conversion values stored in the RAM.
Continuous transfer mode allows an uninterrupted bit stream of eight to 256 bits in
length to be transferred without CPU16 intervention. Longer transfers are possible, but
minimal intervention is required to prevent loss of data. A standard delay of 17 system
clocks is inserted between the transfer of each queue entry.
9.3.1 QSPI Registers
The programmer’s model for the QSPI consists of the QSM global and pin control reg-
isters, four QSPI control registers (SPCR[0:3]), the status register (SPSR), and the 80-
byte QSPI RAM. Registers and RAM can be read and written by the CPU16. Refer to
D.6 Queued Serial Module for register bit and field definitions.
9.3.1.1 Control Registers
Control registers contain parameters for configuring the QSPI and enabling various
modes of operation. The CPU16 has read and write access to all control registers. The
QSM has read access only to all bits except the SPE bit in SPCR1. Control registers
must be initialized before the QSPI is enabled to ensure proper operation. SPCR1
must be written last because it contains the QSPI enable bit (SPE).
Writing a new value to any control register except SPCR2 while the QSPI is enabled
disrupts operation. SPCR2 is buffered. New SPCR2 values become effective after
completion of the current serial transfer. Rewriting NEWQP in SPCR2 causes execu-
tion to restart at the designated location. Reads of SPCR2 return the current value of
the register, not of the buffer. Writing the same value into any control register except
SPCR2 while the QSPI is enabled has no effect on QSPI operation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com