Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 278 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 278 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 274Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 275Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 276Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 277Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 278Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 279Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 280Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 281Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 282Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 500 page
background image
GENERAL-PURPOSE TIMER
M68HC16 Z SERIES
11-14
USER’S MANUAL
11.8.3.1 Output Compare 1
Output compare 1 can affect any or all of OC[5:1] when an output match occurs. In
addition to allowing generation of multiple control signals from a single comparison op-
eration, this function makes it possible for two or more output compare functions to
control the state of a single OC pin. Output pulses as short as one timer count can be
generated in this way.
The OC1 action mask register (OC1M) and the OC1 action data register (OC1D) con-
trol OC1 function. Setting a bit in OC1M selects a corresponding bit in the GPT parallel
data port. Bits in OC1D determine whether selected bits are to be set or cleared when
an OC1 match occurs. Pins must be configured as outputs in order for the data in the
register to be driven out on the corresponding pin. If an OC1 match and another output
match occur at the same time and both attempt to alter the same pin, the OC1 function
controls the state of the pin.
11.8.3.2 Forced Output Compare
Timer compare force register (CFORC) is used to make forced compares. The action
taken as a result of a forced compare is the same as when an output compare match
occurs, except that status flags are not set. Forced channels take programmed actions
immediately after the write to CFORC.
The CFORC register is implemented as the upper byte of a 16-bit register which also
contains the PWM control register C (PWMC). It can be accessed as eight bits or a
word access can be used. Reads of force compare bits (FOC) have no meaning and
always return zeros. These bits are self-negating.
11.9 Input Capture 4/Output Compare 5
The IC4/OC5 pin can be used for input capture, output compare, or general-purpose
I/O. A function enable bit (I4/O5) in the pulse accumulator control register (PACTL)
configures the pin for input capture (IC4) or output compare function (OC5). Both bits
are cleared during reset, configuring the pin as an input, but also enabling the OC5
function. IC4/OC5 I/O functions are controlled by DDGP7 in the port GP data direction
register (DDRGP).
The 16-bit register (TI4/O5) used with the IC4/OC5 function acts as an input capture
register or as an output compare register depending on which function is selected.
When used as the input capture 4 register, it cannot be written to except in test or
freeze mode.
11.10 Pulse Accumulator
The pulse accumulator counter (PACNT) is an 8-bit read/write up-counter. PACNT can
operate in external event counting or gated time accumulation modes. Figure 11-5 is
a block diagram of the pulse accumulator.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com