Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 280 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 280 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 276Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 277Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 278Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 279Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 280Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 281Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 282Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 283Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 284Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 500 page
background image
GENERAL-PURPOSE TIMER
M68HC16 Z SERIES
11-16
USER’S MANUAL
An interrupt request can be made when each of the status flags is set. However, op-
eration of the PAI interrupt depends on operating mode. In event counting mode, an
interrupt is requested when the edge being counted is detected. In gated mode, the
request is made when the PAI input changes from active to inactive state. Interrupt re-
quests are enabled by the PAOVI and PAII bits in the TMSK2 register.
Bits in the pulse accumulator control register (PACTL) control the operation of PACNT.
The PAMOD bit selects event counting or gated operation. In event counting mode,
the PEDGE control bit determines whether a rising or falling edge is detected. In gated
mode, PEDGE specifies the active state of the gate signal. Bits PACLK[1:0] select the
clock source used in gated mode.
PACTL and PACNT are implemented as one 16-bit register, but can be accessed with
byte or word access cycles. Both registers are cleared at reset, but the PAIS and
PCLKS bits show the state of the PAI and PCLK pins.
The PAI pin can also be used for general-purpose input. The logic state of the PAIS
bit in PACTL shows the state of the pin.
11.11 Pulse-Width Modulation Unit
The pulse-width modulation (PWM) unit has two output channels, PWMA and PWMB.
A single clock output from the prescaler multiplexer drives a 16-bit counter that is used
to control both channels. Figure 11-6 is a block diagram of the pulse-width modulation
unit.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com