Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 279 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 279 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 275Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 276Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 277Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 278Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 279Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 280Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 281Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 282Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 283Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 500 page
background image
M68HC16 Z SERIES
GENERAL-PURPOSE TIMER
USER’S MANUAL
11-15
Figure 11-5 Pulse Accumulator Block Diagram
In event counting mode, the counter increments each time a selected transition of the
pulse accumulator input (PAI) pin is detected. The maximum clocking rate is the sys-
tem clock divided by four.
In gated time accumulation mode a clock increments PACNT while the PAI pin is in
the active state. There are four possible clock sources.
Two bits in the TFLG2 register show pulse accumulator status. The pulse accumulator
flag (PAIF) indicates that a selected edge has been detected at the PAI pin. The pulse
accumulator overflow flag (PAOVF) indicates that the pulse accumulator count has
rolled over from $FF to $00. This can be used to extend the range of the counter be-
yond eight bits.
EDGE
DETECT
LOGIC
PACNT
8-BIT COUNTER
2:1
MUX
PAI
ENABLE
OVERFLOW
10
11
INTERRUPT
REQUESTS
INTERNAL
DATA BUS
SYNCHRONIZER
&
DIGITAL FILTER
PACTL
TFLG2
TMSK2
MUX
PCLK
TCNT OVERFLOW
CAPTURE/COMPARE CLK
PRESCALER 512
16/32 PULSE ACC BLOCK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com