Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 310 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 310 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 306Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 307Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 308Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 309Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 310Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 311Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 312Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 313Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 314Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 500 page
background image
ELECTRICAL CHARACTERISTICS
M68HC16 Z SERIES
A-26
USER’S MANUAL
30
CLKOUT Low to Data In Invalid (Fast Cycle Hold)7
tCLDI
8—
ns
30A
CLKOUT Low to Data In High Impedance7
tCLDH
—60
ns
31
DSACK[1:0] Asserted to Data In Valid9
tDADI
—35
ns
33
Clock Low to BG Asserted/Negated
tCLBAN
—19
ns
35
BR Asserted to BG Asserted10
tBRAGA
1—
tcyc
37
BGACK Asserted to BG Negated
tGAGN
12
tcyc
39
BG Width Negated
tGH
2—
tcyc
39A
BG Width Asserted
tGA
1—
tcyc
46
R/W Width Asserted (Write or Read)
tRWA
90
—
ns
46A
R/W Width Asserted (Fast Write or Read Cycle)
tRWAS
55
—
ns
47A
Asynchronous Input Setup Time
BR, BGACK, DSACK[1:0], BERR, AVEC, HALT
tAIST
5—
ns
47B
Asynchronous Input Hold Time
tAIHT
10
—
ns
48
DSACK[1:0] Asserted to BERR, HALT Asserted11
tDABA
—27
ns
53
Data Out Hold from Clock High
tDOCH
0—
ns
54
Clock High to Data Out High Impedance
tCHDH
—23
ns
55
R/W Asserted to Data Bus Impedance Change
tRADC
25
—
ns
70
Clock Low to Data Bus Driven (Show Cycle)
tSCLDD
019
ns
71
Data Setup Time to Clock Low (Show Cycle)
tSCLDS
8—
ns
72
Data Hold from Clock Low (Show Cycle)
tSCLDH
8—
ns
73
BKPT Input Setup Time
tBKST
10
—
ns
74
BKPT Input Hold Time
tBKHT
10
—
ns
75
Mode Select Setup Time (DATA[15:0], MODCLK, BKPT)
tMSS
20
—
tcyc
76
Mode Select Hold Time (DATA[15:0], MODCLK, BKPT)
tMSH
0—
ns
77
RESET Assertion Time12
tRSTA
4—
tcyc
78
RESET Rise Time13
tRSTR
—10
tcyc
100
CLKOUT High to Phase 1 Asserted14
tCHP1A
334
ns
101
CLKOUT High to Phase 2 Asserted14
tCHP2A
334
ns
102
Phase 1 Valid to AS or DS Asserted14
tP1VSA
9—
ns
103
Phase 2 Valid to AS or DS Asserted14
tP2VSN
9—
ns
104
AS or DS Valid to Phase 1 Negated14
tSAP1N
9—
ns
105
AS or DS Negated to Phase 2 Negated14
tSNP2N
9—
ns
NOTES:
1. All AC timing is shown with respect to VIH/VIL levels unless otherwise noted.
2. When an external clock is used, minimum high and low times are based on a 50% duty cycle. The minimum
allowable tXcyc period is reduced when the duty cycle of the external clock varies. The relationship between
external clock input duty cycle and minimum tXcyc is expressed:
Minimum tXcyc period = minimum tXCHL / (50% – external clock input duty cycle tolerance).
Table A-18 25.17-MHz AC Timing (Continued)
(V
DD
and V
DDSYN
= 5.0 Vdc
± 5%, V
SS
= 0 Vdc, T
A
= T
L
to T
H)
1
Num
Characteristic
Symbol
Min
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com