Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 312 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 312 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 308Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 309Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 310Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 311Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 312Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 313Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 314Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 315Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 316Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 500 page
background image
ELECTRICAL CHARACTERISTICS
M68HC16 Z SERIES
A-28
USER’S MANUAL
Figure A-1 CLKOUT Output Timing Diagram
Figure A-2 External Clock Input Timing Diagram
Figure A-3 ECLK Output Timing Diagram
16 CLKOUT TIM
4
CLKOUT
5
2
3
1
16 EXT CLK INPUT TIM
4B
EXTAL
5B
2B
3B
1B
NOTE: TIMING SHOWN WITH RESPECT TO VIH/VIL LEVELS.
PULSE WIDTH SHOWN WITH RESPECT TO 50% VDD.
16 ECLK OUTPUT TIM
4A
ECLK
5A
2A
3A
1A
NOTE: TIMING SHOWN WITH RESPECT TO VIH/VILLEVELS.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com