Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 311 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 311 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 307Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 308Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 309Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 310Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 311Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 312Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 313Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 314Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 315Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 500 page
background image
M68HC16 Z SERIES
ELECTRICAL CHARACTERISTICS
USER’S MANUAL
A-27
3. Parameters for an external clock signal applied while the internal PLL is disabled (MODCLK pin held low dur-
ing reset) do not pertain to an external reference applied while the PLL is enabled (MODCLK pin held high
during reset). When the PLL is enabled, the clock synthesizer detects successive transitions of the reference
signal. If transitions occur within the correct clock period, rise/fall times and duty cycle are not critical.
4. Address access time = (2.5 + WS) tcyc – tCHAV – tDICL
Chip select access time = (2 + WS) tcyc – tCLSA – tDICL
Where: WS = number of wait states. When fast termination is used (2 clock bus) WS = –1.
5. Specification 9A is the worst-case skew between AS and DS or CS. The amount of skew depends on the
relative loading of these signals. When loads are kept within specified limits, skew will not cause AS and DS
to fall outside the limits shown in specification 9.
6. If multiple-chip selects are used, CS width negated (specification 15) applies to the time from the negation of
a heavily loaded chip-select to the assertion of a lightly loaded chip select. The CS width negated specification
between multiple chip-selects does not apply to chip selects being used for synchronous ECLK cycles.
7. Hold times are specified with respect to DS or CS on asynchronous reads and with respect to CLKOUT on
fast cycle reads. The user is free to use either hold time.
8. Maximum value is equal to (tcyc / 2) + 25 ns.
9. If the asynchronous setup time (specification 47A) requirements are satisfied, the DSACK[1:0] low to data
setup time (specification 31) and DSACK[1:0] low to BERR low setup time (specification 48) can be ignored.
The data must only satisfy the data-in to clock low setup time (specification 27) for the following clock cycle.
BERR must satisfy only the late BERR low to clock low setup time (specification 27A) for the following clock
cycle.
10. To ensure coherency during every operand transfer, BG is not asserted in response to BR until after all cycles
of the current operand transfer are complete.
11. In the absence of DSACK[1:0], BERR is an asynchronous input using the asynchronous setup time (specifi-
cation 47A).
12. After external RESET negation is detected, a short transition period (approximately 2 tcyc) elapses, then the
SIM drives RESET low for 512 tcyc.
13. External logic must pull RESET high during this period in order for normal MCU operation to begin.
14. Eight pipeline states are multiplexed into IPIPE[1:0]. The multiplexed signals have two phases.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com