Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 367 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 367 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 363Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 364Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 365Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 366Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 367Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 368Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 369Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 370Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 371Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 500 page
background image
M68HC16 Z SERIES
MECHANICAL DATA AND ORDERING INFORMATION
USER’S MANUAL
B-11
MC68HC16Z2
(ROM)
4 MHz
or
32 kHz
5 V
144-Pin
TQFP
–40 to +105
°C
16 MHz
2
NA
60
MC68HC16Z2VPV16
300
NA
20 MHz
2
NA
60
MC68HC16Z2VPV20
300
NA
25 MHz
2
NA
60
MC68HC16Z2VPV25
300
NA
–40 to +125
°C
16 MHz
2
NA
60
MC68HC16Z2MPV16
300
NA
20 MHz
2
NA
60
MC68HC16Z2MPV20
300
NA
MC68HC16Z2
(No ROM)
4 MHz
5 V
132-Pin
PQFP
–40 to +85
°C
16 MHz
2
SPMCM16Z2BCFC16
36
MCM16Z2BCFC16
180
MCM16Z2BCFC16B1
20 MHz
2
SPMCM16Z2BCFC20
36
MCM16Z2BCFC20
180
MCM16Z2BCFC20B1
25 MHz
2
SPMCM16Z2BCFC25
36
MCM16Z2BCFC25
180
MCM16Z2BCFC25B1
–40 to +105
°C
16 MHz
2
SPMCM16Z2BVFC16
36
MCM16Z2BVFC16
180
MCM16Z2BVFC16B1
20 MHz
2
SPMCM16Z2BVFC20
36
MCM16Z2BVFC20
180
MCM16Z2BVFC20B1
25 MHz
2
SPMCM16Z2BVFC25
36
MCM16Z2BVFC25
180
MCM16Z2BVFC25B1
–40 to +125
°C
16 MHz
2
SPMCM16Z2BMFC16
36
MCM16Z2BMFC16
180
MCM16Z2BMFC16B1
20 MHz
2
SPMCM16Z2BMFC20
36
MCM16Z2BMFC20
180
MCM16Z2BMFC20B1
Table B-1 M68HC16 Z-Series Ordering Information (Continued)
(Shaded cells indicate preliminary part numbers)
Device
Crystal
Input
Operating
Voltage
Package
Type
Temperature
Frequency
(MHz)
Package
Order
Quantity
Order Number
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com