Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 368 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 368 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 364Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 365Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 366Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 367Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 368Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 369Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 370Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 371Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 372Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 500 page
background image
MECHANICAL DATA AND ORDERING INFORMATION
M68HC16 Z SERIES
B-12
USER’S MANUAL
MC68HC16Z2
(No ROM)
4 MHz
5 V
144-Pin
TQFP
–40 to +85
°C
16 MHz
2
SPMCM16Z2BCPV16
60
MCM16Z2BCPV16
300
MCM16Z2BCPV16B1
20 MHz
2
SPMCM16Z2BCPV20
60
MCM16Z2BCPV20
300
MCM16Z2BCPV20B1
25 MHz
2
SPMCM16Z2BCPV25
60
MCM16Z2BCPV25
300
MCM16Z2BCPV25B1
–40 to +105
°C
16 MHz
2
SPMCM16Z2BVPV16
60
MCM16Z2BVPV16
300
MCM16Z2BVPV16B1
20 MHz
2
SPMCM16Z2BVPV20
60
MCM16Z2BVPV20
300
MCM16Z2BVPV20B1
25 MHz
2
SPMCM16Z2BVPV25
60
MCM16Z2BVPV25
300
MCM16Z2BVPV25B1
–40 to +125
°C
16 MHz
2
SPMCM16Z2BMPV16
60
MCM16Z2BMPV16
300
MCM16Z2BMPV16B1
20 MHz
2
SPMCM16Z2BMPV20
60
MCM16Z2BMPV20
300
MCM16Z2BMPV20B1
MC68HC16Z3
(ROM)
4 MHz
or
32 kHz
5 V
132-Pin
PQFP
–40 to +85
°C
16 MHz
2
NA
36
MC68HC16Z3CFC16
180
NA
20 MHz
2
NA
36
MC68HC16Z3CFC20
180
NA
25 MHz
2
NA
36
MC68HC16Z3CFC25
180
NA
Table B-1 M68HC16 Z-Series Ordering Information (Continued)
(Shaded cells indicate preliminary part numbers)
Device
Crystal
Input
Operating
Voltage
Package
Type
Temperature
Frequency
(MHz)
Package
Order
Quantity
Order Number
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com