Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 369 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 369 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 365Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 366Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 367Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 368Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 369Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 370Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 371Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 372Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 373Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 500 page
background image
M68HC16 Z SERIES
MECHANICAL DATA AND ORDERING INFORMATION
USER’S MANUAL
B-13
MC68HC16Z3
(ROM)
4 MHz
or
32 kHz
5 V
132-Pin
PQFP
–40 to +105
°C
16 MHz
2
NA
36
MC68HC16Z3CFC16
180
NA
20 MHz
2
NA
36
MC68HC16Z3VFC20
180
NA
25 MHz
2
NA
36
MC68HC16Z3VFC25
180
NA
–40 to +125
°C
16 MHz
2
NA
36
MC68HC16Z3MFC16
180
NA
20 MHz
2
NA
36
MC68HC16Z3MFC20
180
NA
144-Pin
TQFP
–40 to +85
°C
16 MHz
2
NA
60
MC68HC16Z3CPV16
300
NA
20 MHz
2
NA
60
MC68HC16Z3CPV20
300
NA
25 MHz
2
NA
60
MC68HC16Z3CPV25
300
NA
–40 to +105
°C
16 MHz
2
NA
60
MC68HC16Z3VPV16
300
NA
20 MHz
2
NA
60
MC68HC16Z3VPV20
300
NA
25 MHz
2
NA
60
MC68HC16Z3VPV25
300
NA
–40 to +125
°C
16 MHz
2
NA
60
MC68HC16Z3MPV16
300
NA
20 MHz
2
NA
60
MC68HC16Z3MPV20
300
NA
Table B-1 M68HC16 Z-Series Ordering Information (Continued)
(Shaded cells indicate preliminary part numbers)
Device
Crystal
Input
Operating
Voltage
Package
Type
Temperature
Frequency
(MHz)
Package
Order
Quantity
Order Number
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com