Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 373 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 373 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 369Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 370Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 371Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 372Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 373Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 374Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 375Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 376Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 377Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 500 page
background image
M68HC16 Z SERIES
DEVELOPMENT SUPPORT
USER’S MANUAL
C-1
APPENDIX C
DEVELOPMENT SUPPORT
This section serves as a brief reference to Freescale development tools for M68HC16
Z-series microcontrollers.
Information provided is complete as of the time of publication, but new systems and
software are continually being developed. In addition, there is a growing number of
third-party tools available. The Freescale
Microcontroller Development Tool sDirectory
(MCUDEVTLDIR/D Revision. 3) provides an up-to-date list of development tools. Con-
tact your Freescale representative for further information.
C.1 M68MMDS1632 Modular Development System
The M68MMDS1632 Freescale modular development system (MMDS) is a develop-
ment tool for evaluating M68HC16 and M68300 MCU-based systems. The
MMDS1632 is an in-circuit emulator, which includes a station module and active
probe. A separately purchased MPB and PPB completes MMDS functionality with re-
gard to a particular MCU or MCU family. The many MPBs and PPBs available let the
MMDS emulate a variety of different MCUs. Contact your Freescale sales representa-
tive, who will assist you in selecting and configuring the modular system that fits your
needs. A full-featured development system, the MMDS provides both in-circuit emula-
tion and bus analysis capabilities, including:
• Real-time in-circuit emulation at maximum speed of 16 MHz
• Built-in emulation memory
— 1-Mbyte main emulation memory (three-clock bus cycle)
— 256-Kbyte fast termination (two-clock bus cycle)
— 4-Kbyte dual-port emulation memory (three-clock bus cycle)
• Real-time bus analysis
— Instruction disassembly
— State-machine-controlled triggering
• Four hardware breakpoints; bitwise masking
• Analog/digital emulation
• Synchronized signal output
• Built-in AC power supply, 90 – 264 V, 50 – 60 Hz, FCC and EC EMI compliant
• RS-232 connection to host capable of communicating at 1200, 2400, 4800, 9600,
19200, 38400, or 57600 baud
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com